Electronic Components Datasheet Search
  English  ▼

X  

ABX00087 Datasheet(PDF) 1 Page - Arduino

Part # ABX00087
Description  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 Datasheet(HTML) 1 Page - Arduino

  ABX00087 Datasheet HTML 1Page - Arduino ABX00087 Datasheet HTML 2Page - Arduino ABX00087 Datasheet HTML 3Page - Arduino ABX00087 Datasheet HTML 4Page - Arduino ABX00087 Datasheet HTML 5Page - Arduino ABX00087 Datasheet HTML 6Page - Arduino ABX00087 Datasheet HTML 7Page - Arduino ABX00087 Datasheet HTML 8Page - Arduino ABX00087 Datasheet HTML 9Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Arduino® UNO R4 WiFi
1 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
Product Reference Manual
SKU: ABX00087
Description
The Arduino® UNO R4 WiFi is the first UNO board to feature a 32-bit microcontroller and an ESP32-S3 Wi-Fi®
module (ESP32-S3-MINI-1-N8). It features a RA4M1 series microcontroller from Renesas (R7FA4M1AB3CFM#AA0),
based on a 48 MHz Arm® Cortex®-M4 microprocessor. The UNO R4 WiFi's memory is larger than its predecessors,
with 256 kB flash, 32 kB SRAM and 8 kB of EEPROM.
The RA4M1's operating voltage is fixed at 5 V, whereas the ESP32-S3 module is 3.3 V. Communication between
these two MCUs is performed via a logic-level translator (TXB0108DQSR).
Target areas:
Maker, beginner, education


Similar Part No. - ABX00087

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00087 ARDUINO-ABX00087_V01 Datasheet
15Mb / 46P
Arduino® UNO R4 WiFi
15/11/2024
More results

Similar Description - ABX00087

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
Arduino® UNO R4 Minima
25/07/2023
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com