Electronic Components Datasheet Search
  English  ▼

X  

ABX00087 Datasheet(PDF) 18 Page - Arduino

Part # ABX00087
Description  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 Datasheet(HTML) 18 Page - Arduino

Back Button ABX00087 Datasheet HTML 14Page - Arduino ABX00087 Datasheet HTML 15Page - Arduino ABX00087 Datasheet HTML 16Page - Arduino ABX00087 Datasheet HTML 17Page - Arduino ABX00087 Datasheet HTML 18Page - Arduino ABX00087 Datasheet HTML 19Page - Arduino ABX00087 Datasheet HTML 20Page - Arduino ABX00087 Datasheet HTML 21Page - Arduino ABX00087 Datasheet HTML 22Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Arduino® UNO R4 WiFi
18 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
12.1 Analog
Pin
Function
Type
Description
1
BOOT
NC
Not Connected
2
IOREF
IOREF
Reference for digital logic V - connected to 5 V
3
Reset
Reset
Reset
4
+3V3
Power
+3V3 Power Rail
5
+5V
Power
+5V Power Rail
6
GND
Power
Ground
7
GND
Power
Ground
8
VIN
Power
Voltage Input
9
A0
Analog
Analog input 0 / DAC
10
A1
Analog
Analog input 1 / OPAMP+
11
A2
Analog
Analog input 2 / OPAMP-
12
A3
Analog
Analog input 3 / OPAMPOut
13
A4
Analog
Analog input 4 / I2C Serial Datal (SDA)
14
A5
Analog
Analog input 5 / I2C Serial Clock (SCL)
12.2 Digital
Pin
Function
Type
Description
1
SCL
Digital
I2C Serial Clock (SCL)
2
SDA
Digital
I2C Serial Datal (SDA)
3
AREF
Digital
Analog Reference Voltage
4
GND
Power
Ground
5
D13/SCK/CANRX0
Digital
GPIO 13 / SPI Clock / CAN Receiver (RX)
6
D12/CIPO
Digital
GPIO 12 / SPI Controller In Peripheral Out
7
D11/COPI
Digital
GPIO 11 (PWM) / SPI Controller Out Peripheral In
8
D10/CS/CANTX0
Digital
GPIO 10 (PWM) / SPI Chip Select / CAN Transmitter (TX)
9
D9
Digital
GPIO 9 (PWM~)
10
D8
Digital
GPIO 8
11
D7
Digital
GPIO 7
12
D6
Digital
GPIO 6 (PWM~)
13
D5
Digital
GPIO 5 (PWM~)
14
D4
Digital
GPIO 4
15
D3
Digital
GPIO 3 (PWM~) / Interrupt Pin
16
D2
Digital
GPIO 2 / Interrupt Pin
17
D1/TX0
Digital
GPIO 1 / Serial 0 Transmitter (TX)
18
D0/TX0
Digital
GPIO 0 / Serial 0 Receiver (RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com