Electronic Components Datasheet Search
  English  ▼

X  

ABX00087 Datasheet(PDF) 23 Page - Arduino

Part # ABX00087
Description  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 Datasheet(HTML) 23 Page - Arduino

Back Button ABX00087 Datasheet HTML 15Page - Arduino ABX00087 Datasheet HTML 16Page - Arduino ABX00087 Datasheet HTML 17Page - Arduino ABX00087 Datasheet HTML 18Page - Arduino ABX00087 Datasheet HTML 19Page - Arduino ABX00087 Datasheet HTML 20Page - Arduino ABX00087 Datasheet HTML 21Page - Arduino ABX00087 Datasheet HTML 22Page - Arduino ABX00087 Datasheet HTML 23Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Arduino® UNO R4 WiFi
23 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
French: Lors de l’ installation et de l’ exploitation de ce dispositif, la distance entre le radiateur et le corps est d ’au
moins 20 cm.
Important: The operating temperature of the EUT can’t exceed 85 ℃ and shouldn’t be lower than -40 ℃.
Hereby, Arduino S.r.l. declares that this product is in compliance with essential requirements and other relevant
provisions of Directive 2014/53/EU. This product is allowed to be used in all EU member states.
19 Company Information
Company name
Arduino SRL
Company Address
Via Andrea Appiani, 25 - 20900 MONZA Italy)
20 Reference Documentation
Ref
Link
Arduino IDE (Desktop)
https://www.arduino.cc/en/Main/Software
Arduino IDE (Cloud)
https://create.arduino.cc/editor
Cloud IDE Getting
Started
https://docs.arduino.cc/cloud/web-editor/tutorials/getting-started/getting-started-web-
editor
Project Hub
https://create.arduino.cc/projecthub?by=part&part_id=11332&sort=trending
Library Reference
https://github.com/arduino-libraries/
Online Store
https://store.arduino.cc/
21 Change Log
Date
Revision
Changes
25/07/2023
3
Update Pin Table
30/06/2023
2
Update Pinout File
08/06/2023
1
First Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com