Electronic Components Datasheet Search
  English  ▼

X  

ABX00087 Datasheet(PDF) 22 Page - Arduino

Part # ABX00087
Description  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 Datasheet(HTML) 22 Page - Arduino

Back Button ABX00087 Datasheet HTML 15Page - Arduino ABX00087 Datasheet HTML 16Page - Arduino ABX00087 Datasheet HTML 17Page - Arduino ABX00087 Datasheet HTML 18Page - Arduino ABX00087 Datasheet HTML 19Page - Arduino ABX00087 Datasheet HTML 20Page - Arduino ABX00087 Datasheet HTML 21Page - Arduino ABX00087 Datasheet HTML 22Page - Arduino ABX00087 Datasheet HTML 23Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Arduino® UNO R4 WiFi
22 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
17 Conflict Minerals Declaration
As a global supplier of electronic and electrical components, Arduino is aware of our obligations with regards to
laws and regulations regarding Conflict Minerals, specifically the Dodd-Frank Wall Street Reform and Consumer
Protection Act, Section 1502. Arduino does not directly source or process conflict minerals such as Tin, Tantalum,
Tungsten, or Gold. Conflict minerals are contained in our products in the form of solder, or as a component in
metal alloys. As part of our reasonable due diligence Arduino has contacted component suppliers within our supply
chain to verify their continued compliance with the regulations. Based on the information received thus far we
declare that our products contain Conflict Minerals sourced from conflict-free areas.
18 FCC Caution
Any Changes or modifications not expressly approved by the party responsible for compliance could void the user’s
authority to operate the equipment.
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference
(2) this device must accept any interference received, including interference that may cause undesired operation.
FCC RF Radiation Exposure Statement:
1. This Transmitter must not be co-located or operating in conjunction with any other antenna or transmitter.
2. This equipment complies with RF radiation exposure limits set forth for an uncontrolled environment.
3. This equipment should be installed and operated with a minimum distance of 20 cm between the radiator &
your body.
English: User manuals for licence-exempt radio apparatus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alternatively on the device or both. This device complies with Industry
Canada licence-exempt RSS standard(s). Operation is subject to the following two conditions:
(1) this device may not cause interference
(2) this device must accept any interference, including interference that may cause undesired operation of the
device.
French: Le présent appareil est conforme aux CNR d’Industrie Canada applicables aux appareils radio exempts de
licence. L’exploitation est autorisée aux deux conditions suivantes :
(1) l’ appareil nedoit pas produire de brouillage
(2) l’utilisateur de l’appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est susceptible
d’en compromettre le fonctionnement.
IC SAR Warning:
English This equipment should be installed and operated with a minimum distance of 20 cm between the radiator
and your body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com