Electronic Components Datasheet Search
  English  ▼

X  

456 Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 456
Description  Built-in Hydraulics Tilt Upright Drum to Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

456 Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  456 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 5Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The Specialist In Drum Handling Equipment
456 Series
Hydra-Lift Drum Rollers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F456
(Updated 10 Aug, 2023)
1
MADE
IN
USA
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Built-in Hydraulics Tilt Upright Drum to Horizontal
Hydra-Lift Drum Rollers can eliminate spills, splashing of dangerous contents
on workers, and risk of contamination. Mix inside closed shipping drums and
have the machine do the work of loading and unloading itself!
Load an upright drum into the Hydra-Lift Drum Roller. You control the hydraulic
tilting action that places the drum down onto the rotator wheels. Then use a
second control to start and stop the hydraulic motor that drives rotation.
Minimize time, labor and extra equipment of getting drum into mixing position.
•
Roll a 22.5” (57.2 cm) diameter drum from 5 to 17 RPM,
or 4 to 14 RPM on 50Hz models.
•
Capacity: 1000 Lb. (454 kg) liquid load, 400 Lb. (182 kg) dry load.
A shifting dry load exerts greater stress on the drum rotator than the fluid
motion of a liquid load.
•
Roll a Drum: 6” to 26” (15.25 to 66 cm) in diameter,
and with 40” (102 cm) maximum length
Load drum with your hoist or crane and
a Below-the-Hook Drum Lifter, model 92
shown
Load drum onto Hydra-Lift Drum Roller
with drum truck, model 160-WP shown...
a simple way to load and remove drum
Use the built-in hydraulic system to move an
upright drum over to horizontal position for
rolling.
•
Model # 456-1 Hydra-Lift Drum Roller
•
Model # CP-456-1-115 Control Package
(sold separately)
•
Shown without Enclosure for clarity only
Roll 55-gallon (210L) drum with variable
speed hydraulic drive from 5 to 17 RPM
(4 to 14 RPM on 50Hz models).
Load upright drum at floor level
with drum truck or your crane
Power drum tilt
Vary drum rolling speed
Mixing In Closed Drum Means Less Hazards
•
Ergonomic powered hydraulics tilt drum
from upright over to rolling position
•
Save time, labor and money
by mixing inside a closed drum
•
Remix settled ingredients,
and integrate new components
•
Eliminate transfer and clean-up
•
Use separate drum for each batch
•
No container to purge between batches
•
Nothing to insert into drum
•
Drums make economical mixing vessels
•
Maximum ambient operating temp: 130o F (54o C)
Roll a Plastic Drum
Option # POLY-456
Factory Installed option required to
safely roll a plastic drum. Includes extra
wheels to support flexible soft-sided
plastic drum, and end stop to prevent
drum from traveling length-ways.
NOTE: This is NOT a drum roller by
itself. It is an OPTION to install on a
Morse Drum Roller.
Kit # POLY-456FI
Kit for customer to install on Hydra-Lift
Drum Roller
Roll a 5-Gallon Pail
Kit # 1-5-1
Bolt-on Idler Attachment to roll 1 to 5
gallon (3.8 to 18.9 liter) cylinder on
Hydra-Lift Drum Roller. Spacers adjust
for up to 18” (45.7 cm) tall pail. Roll
5-gallon can at approximately double
RPM of a 55-gallon (210 liter) drum.
Easily remove Idler to return to rolling
a drum.
Options


Similar Part No. - 456

ManufacturerPart #DatasheetDescription
logo
Littelfuse
456 LITTELFUSE-456 Datasheet
197Kb / 4P
Surface Mount Fuses
logo
Keystone Electronics Co...
456 KEYSTONE-456 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
456-350 ETC2-456-350 Datasheet
37Kb / 1P
T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
456-360 ETC2-456-360 Datasheet
37Kb / 1P
T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
456-370 ETC2-456-370 Datasheet
37Kb / 1P
T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
More results

Similar Description - 456

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
logo
Samsung semiconductor
KSD5002 SAMSUNG-KSD5002 Datasheet
38Kb / 1P
COLOR TV HORIZONTAL OUT PUT APPLICATIONS (DAMPER DIODE BUILT IN)
logo
Fairchild Semiconductor
KSC5086 FAIRCHILD-KSC5086 Datasheet
67Kb / 5P
HIgh Definition Color Display Horizontal Deflection Output (Damper Diode Built In)
KSC5802D FAIRCHILD-KSC5802D Datasheet
84Kb / 5P
High Voltage Color Display Horizontal Deflection Output (Built In Damper Diode)
logo
EPCOS
B82432T EPCOS-B82432T_12 Datasheet
476Kb / 8P
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82442A1474K EPCOS-B82442A1474K Datasheet
113Kb / 9P
Upright ferrite drum core
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
SignalQuest, Inc.
SQ-SEN-8XX SIGNALQUEST-SQ-SEN-8XX Datasheet
623Kb / 8P
ON/OFF TILT SENSOR, HORIZONTAL NORMALLY OPEN
logo
Morse Mfg. Co., Inc.
310 MORSE-310 Datasheet
2Mb / 6P
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
23 Aug., 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com