Electronic Components Datasheet Search
  English  ▼

X  

456 Datasheet(PDF) 5 Page - Morse Mfg. Co., Inc.

Part # 456
Description  Built-in Hydraulics Tilt Upright Drum to Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

456 Datasheet(HTML) 5 Page - Morse Mfg. Co., Inc.

  456 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 5Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The Specialist In Drum Handling Equipment
456 Series
Hydra-Lift Drum Rollers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F456
(Updated 10 Aug, 2023)
5
MADE
IN
USA
Guard Enclosure with safety interlock
(shown with Drum Roller and
Control Package each sold separately)
Guard Enclosure Kit #
Description
Gate Switch
GEK-456-1
Fits Hydra-Lift Drum Roller with 1-phase electric motor
AC
GEK-456-3
Fits Hydra-Lift Drum Roller with 3-phase electric motor
AC
GEK-456-E1
Fits Hydra-Lift Drum Roller with Explosion-proof 1-phase electric motor
AC
GEK-456-E3
Fits Hydra-Lift Drum Roller with Explosion-proof 3-phase electric motor
AC
GEK-456-A
Fits Hydra-Lift Drum Roller with Air motor
AIR
Guard Enclosure Kits with Safety Interlock (sold separately)
Guard Enclosures for Morse Hydra-Lift Drum Rollers have a safety
interlock to automatically shut off the drum roller when the gate is
opened. Open the enclosure gate, place your drum onto the drum roller,
then close the gate to allow operation. Connections are included for air
powered model only. Morse Control Packages (page 3) provide controls
and connections for AC models.
All Morse Control Packages (see page 3) include a low-voltage
transformer and wire terminals required to connect the external safety
interlock switch of these Guard Enclosure Kits. Morse Control Packages
and Enclosures meet OSHA regulations ONLY when installed properly
with safety interlock.
Comply with OSHA Requirements with a Morse Guard Enclosure Kit (Sold Separately)
Install all Morse Rotators in accordance with local requirements for
enclosure and safety interlock, etc. One way to accomplish this is with
a Morse enclosure with safety interlock, so the rotator automatically
turns off when enclosure door is opened. Power connections and motor
controls must also comply with applicable local codes.
For OSHA compliance in the USA, see OSHA subpart O.1910.212(a)
(4) “Barrels, containers, and drums. Revolving drums, barrels, and
containers shall be guarded by an enclosure which is interlocked with
the drive mechanism, so that the barrel, drum, or container cannot
revolve unless the guard enclosure is in place.”
Outside Post-to-Post Dimensions of Enclosures
L88” x W40” x H63.205” (224 x 102 x 161 cm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com