Electronic Components Datasheet Search
  English  ▼

X  

456 Datasheet(PDF) 3 Page - Morse Mfg. Co., Inc.

Part # 456
Description  Built-in Hydraulics Tilt Upright Drum to Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

456 Datasheet(HTML) 3 Page - Morse Mfg. Co., Inc.

  456 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 5Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The Specialist In Drum Handling Equipment
456 Series
Hydra-Lift Drum Rollers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F456
(Updated 10 Aug, 2023)
3
MADE
IN
USA
*
ONLY NON-Explosion Proof AC Control Packages include a pre-wired control box.
Explosion-proof Control Packages have no wiring from the NEMA 7/9 control box to
the motor. Please consult an electrician to complete the wiring in accordance to your
local code.
Crates for Export
Export Crate #
Description
2848X-P
Fully Enclosed Crate for Export of (1) Hydra-Lift Drum Roller, with or without (1) Control Package
4463X-P
Fully Enclosed Crate for Export of (1) Guard Enclosure Kit
5516X-P
Fully Enclosed Crate for Export of (1) Hydra-Lift Drum Roller, (1) Control Package and (1) Guard Enclosure Kit
Hydra-Lift Drum Rollers
Control Packages
See Page 3
Guard Enclosure Kits
See Page 4
Model #
Drum RPM
(22.5” Dia.)
Motor Information
Motor Style
HP Phase
Motor
Voltage
Amp
Draw
Option #
Option #
456-1
5 to 17
60 Hz TEFC
1
1
115
12.8
CP-456-1-115 *
GEK-456-1
208
7.0
CP-456-1-230 *
230
6.4
456-1-50
4 to 14
50Hz TEFC
1
1
220
6.2
CP-456-1-220-50 *
GEK-456-1
456-3
5 to 17
60Hz TEFC
1
3
208
3.1
CP-456-3-230 *
GEK-456-3
230
3.0
460
1.5
CP-456-3-460 *
456-3-50
4 to 14
50Hz TEFC
1
3
230
3.1
CP-456-3-230-50 *
GEK-456-3
400
1.8
CP-456-3-400-50 *
456-3-575
5 to 17
60Hz TEFC
1
3
575
1.2
CP-456-3-575 *
GEK-456-3
456-E1
5 to 17
60Hz Explosion proof **
1
1
115
13
CP-456-E1-115 *
GEK-456-E1
208
6.7
CP-456-E1-208 *
230
6.5
CP-456-E1-230 *
456-E1-50
4 to 14
50Hz Explosion proof †
1
1
220
6.2
CP-456-E1-220-50 *
GEK-456-E1
456-E3
5 to 17
60Hz Explosion proof **
1
3
208
3.1
CP-456-E3-208 *
GEK-456-E3
230
3.0
CP-456-E3-230 *
460
1.5
CP-456-E3-460 *
456-E3-50
4 to 14
50Hz Explosion proof **
1
3
230
3.5
CP-456-E3-230-50 *
GEK-456-E3
400
2.0
CP-456-E3-400-50 *
456-E3-575
5 to 17
60Hz Explosion proof **
1
3
575
1.2
CP-456-E3-575 *
GEK-456-E3
456-A
5 to 20
Air Motor ***
-
-
-
-
Air Controls are included
with model 456-A ***
GEK-456-A
* ONLY NON-Explosion Proof AC Control Packages include a pre-wired control box. Explosion-Proof Control Packages have no wiring from the NEMA 7/9 control box to the
motor. Please consult an electrician to complete the wiring in accordance to your local code.
** Explosion-proof motors are rated for Class I Group D, and Class II Groups F and G.
*** Air powered model requires plant air at 40 to 60 PSI and flowing at a rate of 40 SCFM. Filter, Regulator, Lubricator and valve are included with drum roller model 456-A.
† Model 456-E1-50 has explosion-proof motor rated for Class 1 Group D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com