Electronic Components Datasheet Search
  English  ▼

X  

456 Datasheet(PDF) 4 Page - Morse Mfg. Co., Inc.

Part # 456
Description  Built-in Hydraulics Tilt Upright Drum to Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

456 Datasheet(HTML) 4 Page - Morse Mfg. Co., Inc.

  456 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 456 Datasheet HTML 5Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The Specialist In Drum Handling Equipment
456 Series
Hydra-Lift Drum Rollers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F456
(Updated 10 Aug, 2023)
4
MADE
IN
USA
Includes Control Box with:
•
Start and Stop Buttons
•
Wire terminals for external connection of safety
interlock switch
Control Package #
Description
Minimum Power Supply Required
Power Supply
CP-456-1-115 *
Control Package for 456-1
20 Amp
1-Phase 115V 60Hz
CP-456-1-230 *
Control Package for 456-1
15 Amp
1-Phase 230V 60Hz
CP-456-1-220-50
Control Package for 456-1-50
15 Amp
1-Phase 220V 50Hz
CP-456-3-230 *
Control Package for 456-3
15 Amp
3-Phase 230V 60Hz
CP-456-3-460 *
Control Package for 456-3
15 Amp
3-Phase 460V 60Hz
CP-456-3-230-50
Control Package for 456-3-50
15 Amp
3-Phase 230V 50Hz
CP-456-3-400-50
Control Package for 456-3-50
15 Amp
3-Phase 400V 50Hz
CP-456-3-575
Control Package for 456-3-575
15 Amp
3-Phase 575V 60Hz
CP-456-E1-115 *
Control Package for 456-E1, Explosion-Proof
20 Amp
1-Phase 115V 60Hz
CP-456-E1-208 *
Control Package for 456-E1, Explosion-Proof
15 Amp
1-Phase 208V 60Hz
CP-456-E1-230 *
Control Package for 456-E1, Explosion-Proof
15 Amp
1-Phase 230V 60Hz
CP-456-E1-220-50 *
Control Package for 456-E1-50, Explosion-Proof
15 Amp
1-Phase 220V 50Hz
CP-456-E3-208 *
Control Package for 456-E3, Explosion-Proof
15 Amp
3-Phase 208V 60Hz
CP-456-E3-230 *
Control Package for 456-E3, Explosion-Proof
15 Amp
3-Phase 230V 60Hz
CP-456-E3-230-50 *
Control Package for 456-E3-50, Explosion-Proof
15 Amp
3-Phase 230V 50Hz
CP-456-E3-460 *
Control Package for 456-E3, Explosion-Proof
15 Amp
3-Phase 460V 60Hz
CP-456-E3-400-50 *
Control Package for 456-E3-50, Explosion-Proof
15 Amp
3-Phase 400V 50Hz
CP-456-E3-575 *
Control Package for 456-E3-575, Explosion-Proof
15 Amp
3-Phase 575V 60Hz
Select the appropriate Control Package for each model, and your power supply. Use power controls to start and stop drum rolling.
The control mast can be positioned outside the Safety Enclosure on either the left or right side, or at the back of Drum Roller.
Includes Control Box with:
•
Timer adjusts
from a few
seconds to 16
hours
•
Start and Stop
Buttons
•
Red Emergency
Stop Button
•
Lockable Main
Disconnect to
shut off and lock
out power to the
unit
•
Wire terminals
for external
connection of
safety interlock
switch
AC Control Package (sold separately) NEMA 4/12 for NON-Hazardous Areas
Explosion Proof AC Control Package
(sold separately) NEMA 7/9 for Hazardous Areas
Control Packages (sold separately)
Air Controls are Included with Model 456-A
Air Controls Include
•
Filter, Regulator and Lubricator (FRL)
•
On / Off Valve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com