Electronic Components Datasheet Search
  English  ▼

X  

PA141 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA141
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA141 Datasheet(HTML) 2 Page - Cirrus Logic

  PA141 Datasheet HTML 1Page - Cirrus Logic PA141 Datasheet HTML 2Page - Cirrus Logic PA141 Datasheet HTML 3Page - Cirrus Logic PA141 Datasheet HTML 4Page - Cirrus Logic PA141 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA141/PA142 • PA141A/PA142A
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
350V
350V
OUTPUT CURRENT, continuous within SOA
60 mA
60 mA
OUTPUT CURRENT, peak
120 mA
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
12W
9W
INPUT VOLTAGE, differential
±16 V
±16 V
INPUT VOLTAGE, common mode
±V
S
±V
S
TEMPERATURE, pin solder – 10 sec
300°C
220°C
TEMPERATURE, junction2
150°C
150°C
TEMPERATURE, storage
–65 to +150°C
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
–40 to +125°C
CAUTION
The PA141/PA142 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
15
30
mV
OFFSET VOLTAGE, vs. temperature4, 7
Full temperature range
70
130
40/*
65/*
µV/°C
OFFSET VOLTAGE, vs supply
20
32
*
*
µV/V
OFFSET VOLTAGE, vs time
75
*
µV kh
BIAS CURRENT, initial7
5/100
50/2000
*
*
pA
BIAS CURRENT, vs supply
.2/.5
.5/50
*
*
pA/V
OFFSET CURRENT, initial7
2.5/100
50/400
*
*
pA
INPUT IMPEDANCE, DC
1011
*
INPUT CAPACITANCE
5
*
pF
COMMON MODE, voltage range
±V
S–12
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
*
*
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
*
µV RMS
NOISE, low frequency
1-10 Hz
110
*
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5K
94
106
*
*
dB
BANDWIDTH, open loop
1.6
*
MHz
POWER BANDWIDTH
C
C = 10pf, 280V p-p
26
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
±V
S–10 ±VS–8.5
V
CURRENT, peak5
120
*
mA
CURRENT, continuous
60
*
mA
SETTLING TIME to .1%
C
C = 10pF, 10V step, AV = –10
12
*
µs
SLEW RATE
C
C = OPEN
40
*
V/µs
CAPACITIVE LOAD
A
V = +1
10
*
nF
RESISTANCE6, no load
R
CL = 0
150
*
RESISTANCE6, 20 mA load
R
CL = 0
25
*
POWER SUPPLY
VOLTAGE3
See Note 3
±50
±150
±175
*
*
*
V
CURRENT, quiescent
1.6
2.0
.9
1.4
1.8
mA
THERMAL
PA141 RESISTANCE, AC junction to case F > 60Hz
5.4
6.5
*
*
°C/W
PA142 RESISTANCE, AC junction to case F > 60Hz
7
10
*
*
°C/W
PA141 RESISTANCE, DC junction to case F < 60Hz
9
10.4
*
*
°C/W
PA142 RESISTANCE, DC junction to case F < 60Hz
12
14
*
*
°C/W
PA141 RESISTANCE, junction to air
Full temperature range
30
*
°C/W
PA142 RESISTANCE, junction to air
Full temperature range
55
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
SPECIFICATIONS
NOTES:
*
The specification for PA141A/PA142A is identical to the specification for PA141/PA142 in applicable column to the left.
1.
Unless otherwise noted T
C = 25°C, CC = 18pF, RC = 2.2K. DC input specifications are ± value given. Power supply voltage
is typical rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Derate maximum supply voltage .5 V/°C below case temperature of 25°C. No derating is needed above T
C = 25°C.
4.
Sample tested by wafer to 95%.
5.
Guaranteed but not tested.
6.
The selected value of R
CL must be added to the values given for total output resistance.
7.
Specifications separated by / indicate values for the PA141 and PA142 respectively.
PA141/PA142
PA141A/PA142A
PA141/PA141A
PA142/PA142A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com