Electronic Components Datasheet Search
  English  ▼

X  

PA141 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA141
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA141 Datasheet(HTML) 3 Page - Cirrus Logic

  PA141 Datasheet HTML 1Page - Cirrus Logic PA141 Datasheet HTML 2Page - Cirrus Logic PA141 Datasheet HTML 3Page - Cirrus Logic PA141 Datasheet HTML 4Page - Cirrus Logic PA141 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
TYPICAL PERFORMANCE
GRAPHS
PA141/PA142 • PA141A/PA142A
CURRENT LIMIT RESISTOR, R
CL (Ω
)
025
50
75
100
125
TEMPERATURE, T (°C)
0
3
6
POWER DERATING
–50
0
100
80
100
130
140
CURRENT LIMIT
110
90
100
150
300
350
TOTAL SUPPLY VOLTAGE, V
S (V)
1100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1100
.1M
10M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
10K
20K
.2M
.1M
FREQUENCY, F (Hz)
20
1100
1K
1M
FREQUENCY, F (Hz)
0
80
120
COMMON MODE REJECTION
20
60
100
11M
FREQUENCY, F (Hz)
0
20
120
POWER SUPPLY REJECTION
40
100
040
60
OUTPUT CURRENT, I
O
(mA)
2
10
OUTPUT VOLTAGE SWING
4
8
100
10K
FREQUENCY, F (Hz)
.002
HARMONIC DISTORTION
.02
1.0
30K
200
1K
0
COMPENSATION CAPACITANCE, C
C (pf)
SLEW RATE
0300
400
–60
40
CURRENT LIMIT
20
10
10K
.1M
20
120
0
QUIESCENT CURRENT
200
50
70
90
1K
–25
25
50
75
120
15
POWER RESPONSE
30K
10
100
1K
10K .1M
80
100
200
–40
–20
0
10
1K
10K .1M 1M
9
12
10
10K
1M
FREQUENCY, F (Hz)
0
3K
100K
.004
.04
420
816
12
10
20
30
40
50
60
40
60
80
100
200
400
40
80
60
PA141
T = T
125
+I
LIM
500
60
CASE TEMPERATURE, T (°C)
C
–180
–120
110
130
150
6
-I
LIM
C
C = 18pF
C
C = 10pF
C
C = 3.3pF
C
C = 18pF
C
C = 18pF
C
C = 10pF
C
C = 3.3pF
C
C = 3.3pF
C
C = 10pF
50K
.3M .5M
1M
C
C = 10pF
C
C = 3.3pF
C
C = 18pF
R
L = 10K Ω
.006
.01
.06
.1
.2
.4
.6
–I
LIM
+I
LIM
250
T C =
-25
°C
T C =
25
°C
T C
= 85
°C
12
100
V
O = 180VPP
V
O = 60VPP
V
O = 30VPP
A
V = 20
C
C = 3.3pf
R
L = 2K Ω
+V
S
–V
S
T = T
T = T
C
A
T = T
A
PA142
C
25°C –
OUT
–25°C +OUT
85°C
– OUT
–25°C
– OUT
85°C +OUT
25°C +OUT
14
16
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com