Electronic Components Datasheet Search
  English  ▼

X  

PA141 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA141
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA141 Datasheet(HTML) 5 Page - Cirrus Logic

  PA141 Datasheet HTML 1Page - Cirrus Logic PA141 Datasheet HTML 2Page - Cirrus Logic PA141 Datasheet HTML 3Page - Cirrus Logic PA141 Datasheet HTML 4Page - Cirrus Logic PA141 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
PA141/PA142 • PA141A/PA142A
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA141/142U REV. A MARCH 2002
© 2002 Apex Microtechnology Corp.
APPLICATION REFERENCES:
For additional technical information please refer to the
following Application Notes:
AN 1: General Operating Considerations
AN 3: Bridge Circuit Drives
AN 25: Driving Capacitive Loads
AN 38: Loop Stability with Reactive Loads
SUPPLY TO OUTPUT DIFFERENTIAL, V
S -VO (V)
10
20
30
50
100
200 300
500
2
3
4
5
10
20
30
40
50
100
DC,
T
C
=
1
25
°C
DC
, T
C = 85
°C
DC
PULSE CURVES @ 10% DUTY CYCLE MAX
PA142 SOA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S -VO (V)
10
20
30
50
100
200 300
500
2
3
4
5
10
20
30
40
50
100
DC,
T
C
=
125
°C
DC,
T
C
=
85
°C
DC
300mS
PULSE CURVES @ 10% DUTY CYCLE MAX
PA141 SOA
200mS
120
200
100mS
200mS
300mS
120
200
OPERATING
CONSIDERATIONS
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational
amplifier has two distinct limitations:
1. The current handling capability of the die metallization.
2. The temperature of the output MOSFETs.
NOTE: The output stage is protected against transient
flyback. However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com