Electronic Components Datasheet Search
  English  ▼

X  

PA141 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA141
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA141 Datasheet(HTML) 4 Page - Cirrus Logic

  PA141 Datasheet HTML 1Page - Cirrus Logic PA141 Datasheet HTML 2Page - Cirrus Logic PA141 Datasheet HTML 3Page - Cirrus Logic PA141 Datasheet HTML 4Page - Cirrus Logic PA141 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA141/PA142 • PA141A/PA142A
GENERAL
Please read Application Note 1 “General Operating
Considerations” which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
For proper operation the current limit resistor, R
CL, must be
connected as shown in the external connection diagram. The
minimum value is 18 ohms, however for optimum reliability
the resistor value should be set as high as possible. The
value can be estimated as follows with the maximum practical
value of 500 ohms.
3
R
CL =
I
LIM
Use the typical performance graphs as a guide for expected
variations in current limit value with a given R
CL and variations
over temperature. The selected value of R
CL must be added
to the specified typical value of output resistance to calculate
the total output resistance. Since the load current passes
through R
CL the value selected also affects the output voltage
swing according to:
V
R = IO
R
CL
where V
R is the voltage swing reduction.
When the amplifier is current limiting, there may be
small signal spurious oscillation present during the current
limited portion of the negative half cycle. The frequency
of the oscillation is not predictable and depends on the
compensation, gain of the amplifier, and load. The oscillation
will cease as the amplifier comes out of current limit.
INPUT PROTECTION
The PA141/142 inputs are protected against common mode
voltages up the supply rails and differential voltages up to
±16 volts as well as static discharge. Differential voltages
exceeding 16 volts will be clipped by the protection circuitry.
However, if more than a few milliamps of current is available
from the overload source, the protection circuitry could be
destroyed. The protection circuitry includes 300 ohm current
limiting resistors at each input, but this may be insufficient
for severe overloads. It may be necessary to add external
resistors to the application circuit where severe overload
conditions are expected. Limiting input current to 1mA will
prevent damage.
STABILITY
The PA141/142 has sufficient phase margin when
compensated for unity gain to be stable with capacitive loads
of at least 10 nF. However, the low pass circuit created by the
sumpoint (–in) capacitance and the feedback network may
add phase shift and cause instabilities. As a general rule,
the sumpoint load resistance (input and feedback resistors
in parallel) should be 5K ohm or less at low gain settings
(up to 10). Alternatively, use a bypass capacitor across
the feedback resistor. The time constant of the feedback
resistor and bypass capacitor combination should match
the time constant of the sumpoint resistance and sumpoint
capacitance.
The PA141/142 is externally compensated and performance
can be tailored to the application. Use the graphs of small
signal gain and phase response as well as the graphs for
slew rate and power response as a guide. The compensation
capacitor C
C
must be rated at 350V working voltage.
The compensation capacitor and associated resistor R
C
must be mounted closely to the amplifier pins to avoid
spurious oscillation. An NPO capacitor is recommended
for compensation.
*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com