Electronic Components Datasheet Search
  English  ▼

X  

VP7615 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP7615 Datasheet HTML 1Page - Mitel Networks Corporation VP7615 Datasheet HTML 2Page - Mitel Networks Corporation VP7615 Datasheet HTML 3Page - Mitel Networks Corporation VP7615 Datasheet HTML 4Page - Mitel Networks Corporation VP7615 Datasheet HTML 5Page - Mitel Networks Corporation VP7615 Datasheet HTML 6Page - Mitel Networks Corporation VP7615 Datasheet HTML 7Page - Mitel Networks Corporation VP7615 Datasheet HTML 8Page - Mitel Networks Corporation VP7615 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
The VP7615 iCamHost™ Processor chip can decode
the signals from a variety of iVision™ compatible digital video
cameras (such as Silicon Vision’s iCam™) and process them
for use in a host computer system. Digital cameras can offer
real cost and performance gains in applications which require
a digital video input, and iVision technology realises both
these benefits.
In a typical analog camera the digitised
output from the CCD imager is normally encoded into an
analog composite video signal which then has to be re-
digitised at the input to the host system. By employing the
iVision approach the output from the camera is maintained as
a digital signal, but in a format which allows for a low cost 9-
wire connection to the host. Eliminating the unnecessary
conversion to an analog signal and back again not only saves
cost, but also avoids any possible degradation of image
quality. Other benefits include direct control of the camera
from the host and the ability to power the camera from the
host system so saving the cost of a separate power supply.
The VP7615 supports two software selectable CamPort™
interface ports, either of which can receive the digital video
from an iVision™ compatible digital video camera. The
output is a standard colour digital video signal, similar to
standard composite analog-digital decoder chips such as the
Philips SAA7110 and SAA7111. All iCamHost™ operating
modes are controlled by the host PC via an I2C interface.
Hardware I/O controls include output enable and I2C address
offset.
NOTE: iCamTM, CamPort™ and iCamHost™ are
trademarks of Silicon Vision, Inc., Fremont, CA
ORDERING INFORMATION
VP7615 CG FP1N
FEATURES
I Accommodates different camera configurations based on
a variety of CCD imager resolutions
I Requires only a small, low-cost 9 pin mini-DIN to connect
to camera
I Receives the image signal from the camera in digital form
at a frame rate determined by the host
I Decodes all necessary synchronisation and clock signals
from the digital data stream
I Programmable gamma correction curve in RGB
colourspace
I Programmable colour-separation matrix
I Collects image status data within user-defined rectangular
gated zone of CCD sensor
I Programmable horizontal and vertical aperture correction
I Pin-strap selectable output format in 16 bit YUV 4:2:2 or 8
bit CCIR 656 YUV 4:2:2
I Test pattern generator for SMPTE colourbars
I Bypass mode to output unprocessed 8 bit CCD pixel
samples in the luminance channel
I Dual iCamPort™ camera input ports, software selectable
I Completely iVision™ Compatible
I Eight general purpose I/O pins for board level configuration
control and/or status
I Programmable polarity for HSYNC, VSYNC, HACT &
VACT control outputs
I Chip pinout is backwards compatible with VP7610
VP7615
Colour Digital Video Camera Decoder IC
Advance Information
Supersedes February 1997 edition, DS4602 - 2.4
DS4602 - 3.1 August 1997


Similar Part No. - VP7615

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
VP7615CGFP1N ZARLINK-VP7615CGFP1N Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
More results

Similar Description - VP7615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
Serial Digital Video Decoder
logo
List of Unclassifed Man...
HA118144AF ETC-HA118144AF Datasheet
107Kb / 23P
Video Camera CDS/AGC IC
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
NTSC Digital Video Decoder
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
DIGITAL VIDEO CAMERA CONTROLLER
CH5101A ETC1-CH5101A Datasheet
132Kb / 32P
CMOS Monochrome Digital Video Camera
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
DIGITAL VIDEO CAMERA CLOCK
Revision 072304
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
logo
National Semiconductor ...
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
Serial Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com