Electronic Components Datasheet Search
  English  ▼

X  

VP7615 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  VP7615 Datasheet HTML 1Page - Mitel Networks Corporation VP7615 Datasheet HTML 2Page - Mitel Networks Corporation VP7615 Datasheet HTML 3Page - Mitel Networks Corporation VP7615 Datasheet HTML 4Page - Mitel Networks Corporation VP7615 Datasheet HTML 5Page - Mitel Networks Corporation VP7615 Datasheet HTML 6Page - Mitel Networks Corporation VP7615 Datasheet HTML 7Page - Mitel Networks Corporation VP7615 Datasheet HTML 8Page - Mitel Networks Corporation VP7615 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
VP7615
Pin #
I/O
Name
Description
60
In*
CPCKA
Clock - This input receives the clock from the CamPort™ camera on port A.
54
In*
CPDA3
CamPort™ Data Bit 3 - This bus receives the data from the CamPort™ camera on port
A.
55
In*
CPDA2
CamPort™ Data Bit 2 - Port A
56
In*
CPDA1
CamPort™ Data Bit 1 - Port A
59
In*
CPDA0
CamPort™ Data Bit 0 - Port A
88
In*
CPCKB
CamPort™ B Clock - This input receives the clock from the CamPort™ camera on port
B.
84
In*
CPDB3
CamPort™ B Data Bit 3 - This bus receives the data from the CamPort™ camera on
port B.
85
In*
CPDB2
CamPort™ B Data Bit 2
86
In*
CPDB1
CamPort™ B Data Bit 1
87
In*
CPDB0
CamPort™ B Data Bit 0
91
Out
CPSEL
CamPort™ Select Status - When this output is low, the data from CamPort™ A is being
used, when this output is high, the data from CamPort™ B is being used. This pin is
controlled by Bit 3 of the Configuration Register (sub-address = 0x00)
.
44
In
RSTN
Reset Not - When this Schmidtt trigger input is low, the chip is placed into a known
state. When this input is high, the chip can operate.
11
Out
YY7
Luminance Out bit 7 - When CCSEL is low this bus carries the luminance data. When
CCSEL is high this bus carries multiplexed luminance and chrominance data
10
Out
YY6
Luminance Out bit 6
9
Out
YY5
Luminance Out bit 5
6
Out
YY4
Luminance Out bit 4
5
Out
YY3
Luminance Out bit 3
4
Out
YY2
Luminance Out bit 2
3
Out
YY1
Luminance Out bit 1
2
Out
YY0
Luminance Out bit 0
23
Out
UV7
Chrominance Out bit 7 - When CCSEL is low this bus carries the chrominance data.
When CCSEL is high this bus carries a constant value of 0x80 (128).
22
Out
UV6
Chrominance Out bit 6
21
Out
UV5
Chrominance Out bit 5
20
Out
UV4
Chrominance Out bit 4
17
Out
UV3
Chrominance Out bit 3
16
Out
UV2
Chrominance Out bit 2
15
Out
UV1
Chrominance Out bit 1
14
Out
UV0
Chrominance Out bit 0
24
Out
CLK2
Clock Out 2X - This clock runs at twice the pixel rate
27
Out
CLK1
Clock Out 1X - This clock runs at the pixel rate.
34
In
OUTEN
Output Enable - When this input is low, the signals YY[7..0], UV[7..0], HSYNC, VSYNC,
CLK2, CLK1, HACT, VACT, FIELD and BFLAG are driven. When this input is high,
these signals are high-impedance.
SIGNALS & PINOUT
* CamPort inputs are TTL levels. All other inputs are CMOS. See Static Electrical Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com