Electronic Components Datasheet Search
  English  ▼

X  

VP7615 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP7615 Datasheet HTML 1Page - Mitel Networks Corporation VP7615 Datasheet HTML 2Page - Mitel Networks Corporation VP7615 Datasheet HTML 3Page - Mitel Networks Corporation VP7615 Datasheet HTML 4Page - Mitel Networks Corporation VP7615 Datasheet HTML 5Page - Mitel Networks Corporation VP7615 Datasheet HTML 6Page - Mitel Networks Corporation VP7615 Datasheet HTML 7Page - Mitel Networks Corporation VP7615 Datasheet HTML 8Page - Mitel Networks Corporation VP7615 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
VP7615
FUNCTION
SIZE
DESCRIPTION
Colour Calibration Matrix
78 bit
9x9 bit signed coefficients converting CMYG to RGB
Gating Zone Start Pixel
16 bits
8 bits for column # and for row #, in 4 pixel increments
Gating Zone End Pixel
16 bits
8 bits for column # and for row #, in 4 pixel increments
Gamma Correction
128 bit
Locus of 16 points of 8 bits each forms many curves
Horiz. Aperture Correction
4 bits
00H = 0%, 40H = +100%, 70H = +175%, F0H= -175%
Vert. Aperture Correction
4 bits
00H = 0%, 40H = + 50%, 70H = + 87%, F0H= - 87%
Processor bypass
2 bits
0=normal, 1=pass raw 8 bit samples to Y output pins
CamPortTM select
1 bit
0=port A, 1=port B
Test pattern generator
1 bits
0=live video, 1=colourbars
PARAMETER
MAXIMUM VALUE OR SPECIFICATION
CCD Resolution
Up to 768 pixels per line
Field Rate
Up to 60 fields per second
Video Sample Rate
30 MHz. max. input clock rate, 15MHz. max. output clock rate
Video Sample Quantisation
8 bit samples in 2 nibbles of 4 bits each
Control Signals
Standard I2C protocol
Configuration Inputs
I2C address offset, output enable
Gamma Correction
Programmable via 16 arbitrary connected line segments
Output Format
CCIR601 compliant 4:2:2 digital video, pixels per line=CCD pixels
Output Colourspace
YCrCb luminance & chrominance
Output Signals
16 bit digital video, H & V sync, 1X & 2X clock, field ID, chroma ID
Power Consumption
950mW
PERFORMANCE
STATUS REGISTERS
FUNCTION
SIZE
DESCRIPTION
Gated Luminance Sum
32 bits
Sum of luminance values within gated zone
Gated Luminance Peak
8 bits
Value of peak luminance pixel(s) within gated zone
Gate Red Chrominance Sum
32 bits
Sum of red chrominance values within gated zone
Gated Blue Chrominance Sum
32 bits
Sum of blue chrominance values within gated zone
CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com