Electronic Components Datasheet Search
  English  ▼

X  

MP6973 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6973
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6973 Datasheet HTML 1Page - Monolithic Power Systems MP6973 Datasheet HTML 2Page - Monolithic Power Systems MP6973 Datasheet HTML 3Page - Monolithic Power Systems MP6973 Datasheet HTML 4Page - Monolithic Power Systems MP6973 Datasheet HTML 5Page - Monolithic Power Systems MP6973 Datasheet HTML 6Page - Monolithic Power Systems MP6973 Datasheet HTML 7Page - Monolithic Power Systems MP6973 Datasheet HTML 8Page - Monolithic Power Systems MP6973 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
3
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 4
VS
MOSFET source. VS is also used as a reference for VDD.
2
HVC
HV linear regulator input.
3
SENSE
MOSFET drain voltage sensing.
5
VDD
Linear regulator output. VDD is the power supply of IC.
6, 7, 8
VD
MOSFET drain.
ABSOLUTE MAXIMUM RATINGS (1)
VDD to VS ....................................-0.3V to +14V
VD to VS .....................................-1.5V to +100V
SENSE, HVC to VS .......................-1V to +180V
Continuous drain current (TC = 25°C) ....... 14.1A
Continuous drain current (TC = 100°C) ....... 8.9A
Pulsed drain current (2) ................................. 50A
Maximum power dissipation (3)................... 1.8W
Junction temperature ................................150°C
Lead temperature (solder) ........................260°C
Storage temperature ............... -55°C to +150°C
ESD Rating
Charged device model (CDM) ............... ±2000V
Recommended Operation Conditions (4)
VDD to VS ....................................... 4.5V to 13V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (5)
θJA
θJC
SOIC-8.................................... 67 ...... 30... °C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
Repetitive rating: Pulse width = 100µs, duty cycle limited by
maximum junction temperature.
3)
TA = 25°C. The maximum allowable power dissipation is a
function of the maximum junction temperature TJ (MAX), the
junction-to-
ambient thermal resistance θ
JA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
4)
The device is not guaranteed to function outside of its
operating conditions.
5)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com