Electronic Components Datasheet Search
  English  ▼

X  

MP6973 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6973
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6973 Datasheet HTML 2Page - Monolithic Power Systems MP6973 Datasheet HTML 3Page - Monolithic Power Systems MP6973 Datasheet HTML 4Page - Monolithic Power Systems MP6973 Datasheet HTML 5Page - Monolithic Power Systems MP6973 Datasheet HTML 6Page - Monolithic Power Systems MP6973 Datasheet HTML 7Page - Monolithic Power Systems MP6973 Datasheet HTML 8Page - Monolithic Power Systems MP6973 Datasheet HTML 9Page - Monolithic Power Systems MP6973 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
6
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VD-VS Breakdown Voltage vs.
Temperature
VDD Rising vs. Temperature
VDD Regulation Voltage vs.
Temperature (HVC = 12V)
VDD Regulation Voltage vs.
Temperature (SENSE = 30V)
Operation Current vs. Temperature
(VDD = 6.7V)
VDD Charging Current vs.
Temperature (SENSE = 30V)
109
110
111
112
113
114
115
116
117
-50
0
50
100
150
TEMPERATURE (
℃)
4.10
4.15
4.20
4.25
4.30
-50
0
50
100
150
TEMPERATURE (
℃)
6.60
6.62
6.64
6.66
6.68
6.70
-50
0
50
100
150
TEMPERATURE (
℃)
4.90
4.92
4.94
4.96
4.98
5.00
-50
0
50
100
150
TEMPERATURE (
℃)
2.20
2.25
2.30
2.35
2.40
2.45
2.50
-50
0
50
100
150
TEMPERATURE (
℃)
10
15
20
25
30
35
40
45
-50
0
50
100
150
TEMPERATURE (
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com