Electronic Components Datasheet Search
  English  ▼

X  

MP6973 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6973
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6973 Datasheet HTML 1Page - Monolithic Power Systems MP6973 Datasheet HTML 2Page - Monolithic Power Systems MP6973 Datasheet HTML 3Page - Monolithic Power Systems MP6973 Datasheet HTML 4Page - Monolithic Power Systems MP6973 Datasheet HTML 5Page - Monolithic Power Systems MP6973 Datasheet HTML 6Page - Monolithic Power Systems MP6973 Datasheet HTML 7Page - Monolithic Power Systems MP6973 Datasheet HTML 8Page - Monolithic Power Systems MP6973 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
4
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = VDD_HVC, TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VDD regulation voltage
VDD_SEN
SENSE = 30V, HVC = 0V
4.6
5
5.4
V
VDD_HVC
SENSE = 0V, HVC = 12V
6.3
6.7
7
V
VDD UVLO rising
4.0
4.2
4.4
V
VDD UVLO hysteresis
0.1
0.24
0.38
V
VDD charging current
IVDD_SEN
VDD = VDD_SEN - 0.1V,
SENSE = 30V, HVC = 0V,
CDD = 1µF
20
38
55
mA
IVDD_HVC
VDD = VDD_HVC - 0.1V,
SENSE = 0V, HVC = 12V,
CDD = 1µF
20
38
62
mA
VDD = VDD_HVC - 0.1V,
SENSE = 0V, HVC = 30V,
CDD = 1µF
35
64
95
mA
Operating current
ICC
fSW = 100kHz
1.6
2.4
4
mA
Quiescent current
IQ(VDD)
VDD = 7V
110
135
µA
Control Circuitry Section
Forward regulation voltage
(VS-VD) (6)
VFWD
25
40
55
mV
Turn-on threshold (VDS)
-115
-80
-57
mV
Turn-off threshold (VS-VD) (6)
-6
3
+12
mV
Turn-on delay (7)
tD_ON
20
ns
Turn-off delay (6)
tD_OFF
25
ns
Turn-on blanking time
tB-ON
0.8
1.2
1.55
µs
Turn-off blanking threshold
(VDS)
VB-OFF
2
2.5
3
V
Turn-off threshold during
minimum on time (VDS)
1.2
1.8
2.5
V
Turn-on slew rate detection
time (7)
30
ns
Power Switch Section (8)
Drain source breakdown
voltage (6)
V(BR)DSS
100
V
Single-pulse avalanche energy
(6)
EAS
VPS = 50V, VGS = 0V,
L = 1.0mH
100
mJ
Drain-source on resistance
RDS(ON)
ID = 2A, VGS = 6.7V
14
17.5
mΩ
Input capacitance (7)
CISS
VDS = 40V, VGS = 0V,
f = 1MHz
1925
pF
Output capacitance (7)
COSS
307
pF
Reverse transfer capacitance (7)
CRSS
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com