Electronic Components Datasheet Search
  English  ▼

X  

MP6973 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6973
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6973 Datasheet HTML 6Page - Monolithic Power Systems MP6973 Datasheet HTML 7Page - Monolithic Power Systems MP6973 Datasheet HTML 8Page - Monolithic Power Systems MP6973 Datasheet HTML 9Page - Monolithic Power Systems MP6973 Datasheet HTML 10Page - Monolithic Power Systems MP6973 Datasheet HTML 11Page - Monolithic Power Systems MP6973 Datasheet HTML 12Page - Monolithic Power Systems MP6973 Datasheet HTML 13Page - Monolithic Power Systems MP6973 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
10
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The
MP6973
supports
operation
in
discontinuous conduction mode (DCM) and
continuous conduction mode (CCM), as well as
quasi-resonant (QR) flyback converters. The
control circuitry controls the gate in forward
mode
and
turns
the
gate
off
when
the
synchronous rectification (SR) MOSFET current
drops to zero.
VDD Generation
The external capacitor at VDD supplies power
for the IC. First, SENSE charges the capacitor
via a current source with IVDD_SEN. When UVLO <
VDD < VDD_SENSE (5V), both HVC and SENSE are
allowed to charge VDD. But when VDD exceeds
VDD_SENSE, HVC charges VDD alone via a current
source with IVDD_HVC.
If VHVC < 5.7V, then VDD is regulated at VDD_SENSE
(5V). When 5.7V < VHVC < 6.7V, VDD is regulated
at VHVC - 0.7V (internal current-dependent
forward-diode voltage drop). When VHVC > 6.7V,
VDD is clamped at VDD_HVC (6.7V).
Start-Up and Under-Voltage Lockout (UVLO)
When VDD exceeds the VDD UVLO rising
threshold (4.2V), the MP6973 exits under-
voltage lockout (UVLO) and is enabled. Once
VDD drops below ~4.0V, the MP6973 enters
sleep mode and VGS is kept low.
Turn-On Phase
When VDS drops to ~2V, a turn-on timer begins.
If VDS reaches the turn-on threshold (-80mV)
from 2V within the turn-on slew rate detection
time (30ns), the MOSFET turns on after a turn-
on delay (tD_ON), typically 20ns (see Figure 2). If
VDS crosses the turn-on threshold after the timer
ends, the gate voltage remains off. This turn-on
timer prevents the MP6973 from falsely turning
on due to the ringing in DCM and quasi-resonant
operations.
Turn-On Blanking
The control circuitry contains a blanking function.
When the MOSFET turns on, the control circuit
ensures that the on state lasts for a specific
period of time. The turn-on blanking time (tB-ON)
is ~1.2µs to prevent an accidental turn-off due to
ringing. However, if VDS reaches 1.8V within the
turn-on
blanking
time,
VGS
is
pulled
low
immediately.
Conduction Phase
Once VDS exceeds the forward voltage drop,
which is -VFWD (-40mV), according to the
decrease of the switching current, the MP6973
lowers the gate voltage level to enlarge the on
resistance of the synchronous MOSFET.
-3mV
-80mV
2V
VDS
VGS
Turn-On
Delay
Turn-Off
Delay
Turn-On
Blanking
Driver Begins
to be Pulled
Down
Driver Turns
Off
2V
Turn-Off
Blanking
-40mV
Figure 2: Turn-On/Turn-Off Timing Diagram
With this control scheme, VDS is adjusted to be
approximately equal to VFWD, even when the
current through the MOSFET is fairly low. This
function keeps the driver voltage at a very low
level when the synchronous MOSFET is turned
off, which boosts the turn-off speed and is
especially important for CCM operation.
Turn-Off Phase
When VDS rises to trigger the turn-off threshold (-
3mV), the gate voltage is pulled to zero after a
short turn-off delay (tD_OFF), typically 25ns (see
Figure 2).
Turn-Off Blanking
After the gate driver (VGS) is pulled to zero by VDS
reaching the turn-off threshold (-3mV), a turn-off
blanking time is applied, during which the gate
driver signal is latched off. The turn-off blanking
is removed when VDS exceeds VB-OFF (2V) (see
Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com