Electronic Components Datasheet Search
  English  ▼

X  

MPQ5069 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ5069 Datasheet HTML 12Page - Monolithic Power Systems MPQ5069 Datasheet HTML 13Page - Monolithic Power Systems MPQ5069 Datasheet HTML 14Page - Monolithic Power Systems MPQ5069 Datasheet HTML 15Page - Monolithic Power Systems MPQ5069 Datasheet HTML 16Page - Monolithic Power Systems MPQ5069 Datasheet HTML 17Page - Monolithic Power Systems MPQ5069 Datasheet HTML 18Page - Monolithic Power Systems MPQ5069 Datasheet HTML 19Page - Monolithic Power Systems MPQ5069 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MPQ5069
– 7mΩ PROTECTION SWITCH WITH CURRENT MONITOR
MPQ5069 Rev. 1.1
www.MonolithicPower.com
16
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Current Limit (RSET)
The MPQ5069 current-limit value should exceed
the normal maximum load current, allowing for
the
tolerances
in
the
current-sense
value.
Estimate the current limit using Equation (2):
 4
LIMIT
SET
0.6(V)
I
=
20 10 (A)
R
(2)
Table 1 shows the bench results from the
evaluation board.
Table 1: Current Limit vs. Current Limit Resistor
Current Limit Resistor (k
Ω)
7.5
10
20
Current Limit (A)
15.9
12
6.08
Figure 5 shows the relationship between the set
resistance (RSET) and the current limit.
Figure 5: RSET vs. Current Limit
Current Monitoring
The MPQ5069 provides a MOSFET current-
monitoring function. Place a resistor (RMON) to
ground to set the gain of the output, calculated
with Equation (3):
 POWERFET
IMON
5
I
I
10
(3)
Where IPOWERFET is the power MOSFET current.
The IMON pin provides a voltage proportional to
the output current. Place a 10k
Ω resistor from the
IMON pin to GND to obtain a 100mV/A, which is
the voltage proportional to the output current.
Place a 100nF capacitor from IMON to GND to
smooth the indicator voltage.
Design Example
Figure
7
shows
the
detailed
application
schematic. For the typical performance and
circuit waveforms, see the Typical Performance
Characteristics section on page 8. For more
detailed device applications, refer to the related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com