Electronic Components Datasheet Search
  English  ▼

X  

MPQ5069 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ5069 Datasheet HTML 1Page - Monolithic Power Systems MPQ5069 Datasheet HTML 2Page - Monolithic Power Systems MPQ5069 Datasheet HTML 3Page - Monolithic Power Systems MPQ5069 Datasheet HTML 4Page - Monolithic Power Systems MPQ5069 Datasheet HTML 5Page - Monolithic Power Systems MPQ5069 Datasheet HTML 6Page - Monolithic Power Systems MPQ5069 Datasheet HTML 7Page - Monolithic Power Systems MPQ5069 Datasheet HTML 8Page - Monolithic Power Systems MPQ5069 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MPQ5069
– 7mΩ PROTECTION SWITCH WITH CURRENT MONITOR
MPQ5069 Rev. 1.1
www.MonolithicPower.com
5
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RSET = 10kΩ, COUT = 220μF, TJ = -40°C to +125°C, typical values are at TJ = 25°C, unless
otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ
EN = high, no load
1
2
mA
Fault latch-off
0.7
1.2
mA
EN = 0V, VIN = 12V
1
10
μA
Power FET
On resistance
RDS(ON)
7
12
m
Ω
Off-state leakage current
IOFF
VIN = 28V, EN = 0V,
OUT = 0V, TJ = 25°C
1
μA
Thermal Shutdown
Shutdown temperature (6)
167
°C
Hysteresis (6)
Auto-retry mode only
28
°C
Under-Voltage Protection
Under-voltage lockout threshold
VUVLO
Rising
4.15
5.5
V
Falling
2.7
3.8
5
V
UVLO hysteresis
VUVLOHYS
250
mV
AUTO Pin
Low-level input voltage
VAUTOL
Latch-off mode
1
V
High-level input voltage
VAUTOH
Auto-retry mode
2.5
V
Soft Start
SS pull-up current
ISS
ISS changes with input
3
6
9
μA
Current Limit
Current limit at normal operation
ILIMIT_NO
RSET = 10k
Ω
10.5
12.5
14.5
A
Current monitor accuracy
6A <
IOUT < 10A
-10
+10
%
Current limit response time (6)
ILIMIT = 3A, add a 3Ω load
20
μs
Secondary current limit (6)
ILIMIT_H
Any value of RSET
25
A
Short-circuit protection response
time (6)
200
ns
Timer
Upper threshold voltage
VTMRH
1
1.23
1.4
V
Lower threshold voltage
VTMRL
Over-current restart cycles
0.09
0.20
0.35
V
Fault restart duty cycle
0.1
0.25
0.5
%
Insertion delay charge current
IINSERT
15
40
60
μA
Fault detection charge current
IFLTD
80
200
300
μA
Fault restart sink current
IFLTS
0.15
0.5
0.8
μA
Discharge RON
IOUT < ILIMIT
15
35
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com