Electronic Components Datasheet Search
  English  ▼

X  

MPQ5069 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ5069 Datasheet HTML 1Page - Monolithic Power Systems MPQ5069 Datasheet HTML 2Page - Monolithic Power Systems MPQ5069 Datasheet HTML 3Page - Monolithic Power Systems MPQ5069 Datasheet HTML 4Page - Monolithic Power Systems MPQ5069 Datasheet HTML 5Page - Monolithic Power Systems MPQ5069 Datasheet HTML 6Page - Monolithic Power Systems MPQ5069 Datasheet HTML 7Page - Monolithic Power Systems MPQ5069 Datasheet HTML 8Page - Monolithic Power Systems MPQ5069 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MPQ5069
7m
Ω Protection Switch with Current Monitor
for Automotive Battery Systems
AEC-Q100 Qualified
MPQ5069 Rev. 1.1
www.MonolithicPower.com
1
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MPQ5069 is a hot-swap protection device
designed to protect circuitry on its output from
transients on its input. It also protects its input
from undesired shorts and transients coming
from its output.
During start-up, the slew rate at the output limits
the inrush current. An external capacitor at the
SS pin controls the slew rate.
The maximum output load is current-limited using
a sense FET topology whereby a low-power
resistor from the ISET pin to ground controls the
magnitude of the current limit. An internal charge
pump drives the gate of the power device,
allowing for a power FET with a very low on
resistance of 7mΩ. The MPQ5069 includes an
IMON option to produce a voltage proportional to
the current through the power device, as set by a
resistor from the IMON pin to ground.
The MPQ5069
’s fault protections include current-
limit protection, thermal shutdown, and damaged-
MOSFET detection. Both the current limit and
thermal shutdown offer configurable auto-retry
and latch-off mode. The device also features
under-voltage protection.
The
MPQ5069
is
available
in
a
QFN-22
(3mmx5mm) package and is AEC-Q100 qualified.
FEATURES
 Integrated 7mΩ Power MOSFET
 Adjustable Current Limit (5A to 15A)
 Output Current Measurement
 ±10% Current Monitor Accuracy
 Fast Response (200ns) for Short Protection
 PG Detector and FLTB Indication
 PG Asserts Low when V
IN = 0V
 Damaged MOSFET Detection
 External Soft Start
 Under-Voltage Lockout
 Thermal Protection
 Available in a QFN-22 (3mmx5mm) Package
 Available in AEC-Q100 Grade 1
APPLICATIONS
Automotive Infotainment
Automotive Clusters
Advanced Driver Assistance Systems
Automotive Systems
TYPICAL APPLICATION
VOUT
ISET
IMON
PG
FLTB
AUTO
VIN
OUT
EN
PD
VIN
MPQ5069
1
12
7
2
5
9
10
11
13-20
RMON
21-22
RSET
COUT
CSS
GND
CMON
TIMER
CT
4
SS
6
FB
8
R3
R2
R4
R5
5V
PG
FAULT
R1
IMON
EN
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MPQ5069

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG MPS-MPQ5072GG Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1 MPS-MPQ5072GG-AEC1 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1-Z MPS-MPQ5072GG-AEC1-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-Z MPS-MPQ5072GG-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results

Similar Description - MPQ5069

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
Automotive AEC-Q100 qualified
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com