Electronic Components Datasheet Search
  English  ▼

X  

MPQ5069 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ5069 Datasheet HTML 1Page - Monolithic Power Systems MPQ5069 Datasheet HTML 2Page - Monolithic Power Systems MPQ5069 Datasheet HTML 3Page - Monolithic Power Systems MPQ5069 Datasheet HTML 4Page - Monolithic Power Systems MPQ5069 Datasheet HTML 5Page - Monolithic Power Systems MPQ5069 Datasheet HTML 6Page - Monolithic Power Systems MPQ5069 Datasheet HTML 7Page - Monolithic Power Systems MPQ5069 Datasheet HTML 8Page - Monolithic Power Systems MPQ5069 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MPQ5069
– 7mΩ PROTECTION SWITCH WITH CURRENT MONITOR
MPQ5069 Rev. 1.1
www.MonolithicPower.com
3
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable input. Pull the EN pin above its threshold enable the chip. Pull it below its
threshold to shut down the chip.
2
AUTO
Auto-reset enable. Float or pull above 2.5V to enable auto-reset upon fault removal.
Ground for the MPQ5069 to latch off when a fault occurs.
3
NC
Not connected. Float this pin in application.
4
TIMER
Timer set. An external capacitor sets the hot-plug insertion time delay, fault timeout
period, and restart time.
5
ISET
Current-limit set. Place a resistor to ground to set the value of the current limit.
6
SS
Soft start. A connected external capacitor sets the soft-start time of the output voltage.
The internal circuit controls the slew rate of the output voltage during start-up. Float this
pin to set the soft-start time at its minimum of 1ms.
7
GND
Ground.
8
IMON
Output current monitor. Provides a voltage proportional to the current flowing through
the power device. Place a resistor to ground to set the gain. Floating this pin is not
recommended.
9
FLTB
Fault bar. This is an open-drain output that drives to ground when an over-current or a
thermal shutdown occurs. Pull up to an external power supply through a 100k
Ω resistor.
10
PG
Power good. This is an open-drain output. Pull up to an external power supply through
a resistor. High = power good. Low indicates output is outside the UVLO window. PG
starts to work when the pull-up supply is enabled, even if VIN and EN are still disabled.
11
FB
Feedback. An external resistor divider from the output sets the output voltage where
the PG pin switches. The rising threshold is 0.6V, with a 60mV hysteresis.
12
PD
Output discharge. Connect to the output to provide a 500
Ω load to discharge the
output when VIN is below its UVLO threshold or the EN pin is within 0.6V of the rising
threshold. Floating PD disables this function.
13
–20
OUT
Output. The output voltage is controlled by the IC.
21, 22,
exposed
pads
VIN
Input power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com