Electronic Components Datasheet Search
  English  ▼

X  

MPQ5072 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ5072 Datasheet HTML 1Page - Monolithic Power Systems MPQ5072 Datasheet HTML 2Page - Monolithic Power Systems MPQ5072 Datasheet HTML 3Page - Monolithic Power Systems MPQ5072 Datasheet HTML 4Page - Monolithic Power Systems MPQ5072 Datasheet HTML 5Page - Monolithic Power Systems MPQ5072 Datasheet HTML 6Page - Monolithic Power Systems MPQ5072 Datasheet HTML 7Page - Monolithic Power Systems MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ5072
– 5.5V, 1A LOW RDS(ON) LOAD SWITCH, AEC-Q100 QUALIFIED
MPQ5072 Rev. 1.0
www.MonolithicPower.com
3
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
EN
Enable input. Pull EN below the specified threshold to shut down the chip.
2
GND
Ground.
3
VCC
Supply voltage to the control circuitry.
4
ILIM
Output current limit configuration. Place a resistor to GND to set the overload current
limit level.
5
SS
Soft start. An external capacitor connected to the SS pin sets the slew rate of the output
voltage soft-start period.
6, 11,
exposed pad
VIN
Input power supply.
9
VOUT Output to the load.
12
PG
Power good. Push/pull output.
7, 8, 10
NC
Not connected. It is recommended to connect this pin to VOUT to improve thermal
performance.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ................................................-0.3V to +6.5V
VCC ...............................................-0.3V to +6.5V
VOUT..............................................-0.3V to +6.5V
EN, SS, ILIM ......................... -0.3V to VCC +0.3V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation (2)
QFN-12 (2mmx2mm) ................................. 1.6W
ESD Ratings
Human body model (HBM) ........................±2kV
Charged device model (CDM) ................ ±750V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................0.5V to 5.5V
Supply voltage (VCC) ..........................3V to 5.5V
Output voltage (VOUT) ......................0.5V to 5.5V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-12 (2mmx2mm) ..
……....80........16...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
device may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com