Electronic Components Datasheet Search
  English  ▼

X  

MPQ5072 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ5072 Datasheet HTML 1Page - Monolithic Power Systems MPQ5072 Datasheet HTML 2Page - Monolithic Power Systems MPQ5072 Datasheet HTML 3Page - Monolithic Power Systems MPQ5072 Datasheet HTML 4Page - Monolithic Power Systems MPQ5072 Datasheet HTML 5Page - Monolithic Power Systems MPQ5072 Datasheet HTML 6Page - Monolithic Power Systems MPQ5072 Datasheet HTML 7Page - Monolithic Power Systems MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPQ5072
5.5V, 1A Low RDS(ON) Load Switch
with Programmable Current Limit,
AEC-Q100 Qualified
MPQ5072 Rev. 1.0
www.MonolithicPower.com
1
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MPQ5072 is a programmable load switch
that provides 1A of load protection across a 0.5V
to 5.5V voltage range. With low RDS(ON) in a tiny
package, the MPQ5072 provides a highly
efficient, space-saving solution for notebooks,
tablets, and other portable device applications.
The MPQ5072’s soft start (SS) function avoids
inrush
current
during
circuit
start-up.
The
MPQ5072 also provides a programmable soft-
start time, output discharge functions, over-
current protection (OCP), and thermal shutdown.
The maximum load at the output source is
current-limited,
which
is
accomplished
by
utilizing a sense FET topology.
The magnitude of the current limit is controlled
by an external resistor from the ILIM pin to
ground (GND).
An internal charge pump drives the power device
gate, allowing a low on resistance DMOS power
FET of
50mΩ.
The MPQ5072 is available in a tiny, space-
saving QFN-12 (2mmx2mm) package.
FEATURES
 Guaranteed Industrial/Automotive
Temperature Range Limits
 0.5V to 5.5V V
IN Range
 Shutdown Current < 5µA
 Integrated 50mΩ Low R
DS(ON) FETs
 1A Load Current
 Push/Pull Power Good (PG) Indicator
 Adjustable Start-Up Slew Rate
 Output Discharge
 Short-Circuit Protection (SCP) < 200ns
 Thermal Shutdown Protection
 Available in a Space-Saving QFN-12
(2mmx2mm) Package
 Available in AEC-Q100 Grade 1
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drives (SSDs)
 Handheld Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
EN
MPQ5072
VCC
SS
3
9
4
GND
ILIM
VOUT
CIN
VIN
PG
R1
VIN
VEN
12
5
2
1
6
22µF
COUT
C3
C4
0.1µF
47nF
22µF
VOUT
VPG
34k
100k
R2
>3V
1A
0.5V to 5.5V


Similar Part No. - MPQ5072

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5073GG MPS-MPQ5073GG Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5073GG-AEC1 MPS-MPQ5073GG-AEC1 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5074 MPS-MPQ5074 Datasheet
809Kb / 20P
5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
Rev. 1.0 8/21/2023
MPQ5074GQBE-AEC1 MPS-MPQ5074GQBE-AEC1 Datasheet
809Kb / 20P
5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
Rev. 1.0 8/21/2023
More results

Similar Description - MPQ5072

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075L MPS-MP5075L Datasheet
748Kb / 12P
5.5V, 1A, Low RDS(ON) Load Switch
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com