Electronic Components Datasheet Search
  English  ▼

X  

MPQ5072 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ5072 Datasheet HTML 1Page - Monolithic Power Systems MPQ5072 Datasheet HTML 2Page - Monolithic Power Systems MPQ5072 Datasheet HTML 3Page - Monolithic Power Systems MPQ5072 Datasheet HTML 4Page - Monolithic Power Systems MPQ5072 Datasheet HTML 5Page - Monolithic Power Systems MPQ5072 Datasheet HTML 6Page - Monolithic Power Systems MPQ5072 Datasheet HTML 7Page - Monolithic Power Systems MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MPQ5072
– 5.5V, 1A LOW RDS(ON) LOAD SWITCH, AEC-Q100 QUALIFIED
MPQ5072 Rev. 1.0
www.MonolithicPower.com
4
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VCC = 3.6V, TJ = -40ºC to +125°C, typical values are TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input voltage
VIN
0.5
5.5
V
Supply voltage
VCC
3
5.5
V
Supply Current
Off-state leakage current
IOFF
VIN = 5V, EN = 0, TJ = 25°C
1
µA
VIN = 5V, EN = 0,
-40°C < TJ < +125°C
5
µA
VCC standby current
ISTBY
VCC = 5V, EN = 0
0.1
1
µA
VCC = 5V, enable, no load,
TJ = 25°C
180
230
VCC = 5V, enable, no load,
-40°C < TJ < +125°C
180
250
Power FET
On resistance
RDS(ON)
VCC = 5.0V, TJ = 25°C
50
70
m
Ω
VCC = 5.0V, -40°C < TJ < +125°C
50
80
VCC = 3.3V, TJ = 25°C
60
80
VCC = 3.3V, -40°C < TJ < +125°C
60
90
Thermal Shutdown and Recovery (5)
Shutdown temperature
TSTD
150
°C
Hysteresis
THYS
30
°C
Under-Voltage Protection
VCC under-voltage lockout (UVLO)
threshold
VCC_UVLO UVLO rising threshold
2.6
2.95
V
UVLO hysteresis
VUVLO_HYS
200
mV
Soft Start (SS)
SS pull-up current
ISS
Fixed slew rate
4
11
17
µA
Enable (EN)
EN rising threshold
VENH
1.3
1.5
1.7
V
EN hysteresis
VEN_HYS
200
mV
ILIM
Current limit
IOUT
RLIM = 24
kΩ, ramp IOUT record
peak current limit value
1.4
A
Discharge Resistance
Discharge resistance
RDIS
200
Ω
Power Good (PG)
PG rising threshold
VPG_R
Voltage gap between VOUT
and VIN
140
280
450
mV
PG threshold
VPG_HYS
60
mV
PG delay
tPG_D
50
µs
PG high
VPG_H
VCC = 3.3V
3.2
V
PG low
VPG_L
Sink 1mA
0.3
V
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com