Electronic Components Datasheet Search
  English  ▼

X  

MPQ5072 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ5072 Datasheet HTML 7Page - Monolithic Power Systems MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems MPQ5072 Datasheet HTML 10Page - Monolithic Power Systems MPQ5072 Datasheet HTML 11Page - Monolithic Power Systems MPQ5072 Datasheet HTML 12Page - Monolithic Power Systems MPQ5072 Datasheet HTML 13Page - Monolithic Power Systems MPQ5072 Datasheet HTML 14Page - Monolithic Power Systems MPQ5072 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPQ5072
– 5.5V, 1A LOW RDS(ON) LOAD SWITCH, AEC-Q100 QUALIFIED
MPQ5072 Rev. 1.0
www.MonolithicPower.com
11
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
ILIM Resistor Selection
The current limit value is set by the ILIM resistor
(RILIM). The current limit can be calculated with
Equation (1) on page 10.
The suggested current limit threshold should be
10% to 20% greater than the maximum load
current. For example, if a
system’s full load is 1A,
set the current limit to 1.1A.
ILIM Capacitor Selection
The internal, advanced, auto-zero comparator
offers high-accuracy current monitoring, though
it causes a small amount of jitter on the ILIM pin.
To stabilize ILIM, mount a small ceramic
capacitor between the ILIM pin and GND. It is
recommended to use a capacitor that is less than
1nF.
SS Capacitor Selection
An
internal
11µA
constant-current
source
charges the SS capacitor, which ramps up the
voltage on the SS pin. The output voltage follows
the SS voltage slew rate as it rises.
If the inrush of the output current reaches the
current limit during start-up (e.g. if there is a large
output capacitor or a large load), the MPQ5072
limits the output current, and the soft-start time
increases simultaneously (see Figure 2 and
Figure 3).
Component Selection
VOUT
IIN
Current Limit
Soft Start at No Load
Soft Start at Half-Load
Soft Start at Very Large Load
Soft Start at Different Loads
VOUT
IIN
Current Limit
VOUT
IIN
Current Limit
Figure 2: Soft Start at Different Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com