Electronic Components Datasheet Search
  English  ▼

X  

FT18 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FT18
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18 Datasheet(HTML) 5 Page - NXP Semiconductors

  FT18 Datasheet HTML 1Page - NXP Semiconductors FT18 Datasheet HTML 2Page - NXP Semiconductors FT18 Datasheet HTML 3Page - NXP Semiconductors FT18 Datasheet HTML 4Page - NXP Semiconductors FT18 Datasheet HTML 5Page - NXP Semiconductors FT18 Datasheet HTML 6Page - NXP Semiconductors FT18 Datasheet HTML 7Page - NXP Semiconductors FT18 Datasheet HTML 8Page - NXP Semiconductors FT18 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 January
5
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Specifications
1 All voltages in relation to SFS.
2 To set the VNS voltage for optimal Vertical Anti-Blooming (VAB), it should be adjustable between minimum and maximum values.
3 Guaranteed charge reset requires the CR voltage to last at least 1.2µs.
DC Conditions
1
Min.
Typical
Max.
Unit
VNS
2
VPS
SFD
SFS
VCS
OG
RD
N substrate
P substrate
Source Follower Drain
Source Follower Source
Current Source
Output Gate
Reset Drain
16
2
18
-
-2
3
12
adjusted
4
20
0
0
5.4
13
24
6
22
-
3
8
15
V
V
V
V
V
V
V
AC Clock Level Conditions
1
Min.
Typical
Max.
Unit
IMAGE CLOCKS:
A-clock swing
A-clock low level
Charge Reset (CR) level on A-clocks
3
Charge Pump (CP) level on A- clocks
9.5
-
-
-
10
0
-5
0
-
-
-
-
V
V
V
V
STORAGE CLOCKS (duty cycle=5/8):
B-clock swing
B-clock low level
9.5
-
10
0
-
-
V
V
OUTPUT REGISTER CLOCKS (duty cycle=1/2):
C-clock swing
C-clock low level
-
-
5
3
-
-
V
V
OTHER CLOCKS:
Reset Gate (RG) swing
Reset Gate (RG) low level
-
-
10
1
12
-
V
V
Absolute Maximum Ratings
Min.
Max.
Unit
GENERAL:
storage temperature
ambient temperature during operation
voltage between any two gates
DC current through any clock (absolute value)
OUT current (no short circuit protections)
-55
-40
-20
-0.2
0
+80
+60
+20
+0.2
6
°C
°C
V
µA
mA
VOLTAGES IN RELATION TO VNS:
VPS, SFS
SFD
RD
All other pins
-30
-8
-15
-32
+0.5
+8
+0.5
+0.5
V
V
V
V
VOLTAGES IN RELATION TO VPS:
VNS
SFD, RD
SFS
All other pins
-0.5
+0
-8
-20
+30
+30
+8
+20
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com