Electronic Components Datasheet Search
  English  ▼

X  

FT18 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FT18
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FT18 Datasheet HTML 8Page - NXP Semiconductors FT18 Datasheet HTML 9Page - NXP Semiconductors FT18 Datasheet HTML 10Page - NXP Semiconductors FT18 Datasheet HTML 11Page - NXP Semiconductors FT18 Datasheet HTML 12Page - NXP Semiconductors FT18 Datasheet HTML 13Page - NXP Semiconductors FT18 Datasheet HTML 14Page - NXP Semiconductors FT18 Datasheet HTML 15Page - NXP Semiconductors FT18 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2000 January
15
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Package information
Figure 8 - Mechanical drawing of the FT 18 package
Angle of rotation: less than ± 10
Sensor flatness: < 7 µm (P-V)
Cover glass: Corning 7059
Thickness of cover glass: 0.8 ± 0.05
Refractive index: n
d = 1.53
Single sided AR coating inside, 21% reflection (430-660 nm)
All drawing units are in mm.
15.494 ±0.25
7.747 ±0.2
3.317 ±0.2
15.24 ±0.25
15 ±0.1
Sensor crystal
Cover glass
Anti-reflex
coating
0.25 +0.05 -0.02
4.5 ±0.3
3.3 ±0.2
0.762 ±0.07
2.868 ±0.29
0.005
Image area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com