Electronic Components Datasheet Search
  English  ▼

X  

FT18 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FT18
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FT18 Datasheet HTML 6Page - NXP Semiconductors FT18 Datasheet HTML 7Page - NXP Semiconductors FT18 Datasheet HTML 8Page - NXP Semiconductors FT18 Datasheet HTML 9Page - NXP Semiconductors FT18 Datasheet HTML 10Page - NXP Semiconductors FT18 Datasheet HTML 11Page - NXP Semiconductors FT18 Datasheet HTML 12Page - NXP Semiconductors FT18 Datasheet HTML 13Page - NXP Semiconductors FT18 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 January
10
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
1 Black level offset is defined as the difference in dark signal of a black refence line and an active image line.
2 FPN is the one-
σ value of the highpass image.
Dark Condition
Min.
Typical
Max.
Unit
Dark current
Black level offset
1
-
-
-
-
240
25
pA/cm
2
el
Dark condition at 25 frames/sec:
Average dark signal
Shot noise of the dark current
Horizontal shading
Vertical shading
Fixed Pattern Noise
2
in dark (FPN)
-
-
-
-
-
56
-
-
-
-
67
10
25
66
19
el
el
el
el
el
Dark condition at 30 frames/sec:
Average dark signal
Shot noise of the dark current
Horizontal shading
Vertical shading
Fixed Pattern Noise
2
in dark (FPN)
-
-
-
-
-
47
-
-
-
-
56
10
25
56
19
el
el
el
el
el
Output Buffers
Min.
Typical
Max.
Unit
Conversion factor
Supply current
Bandwidth
Output impedance buffer (R
load = 3.3kΩ, Cload = 2pF)
8.5
10
4
110
400
11.5
µV/el.
mA
MHz
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com