Electronic Components Datasheet Search
  English  ▼

X  

34653 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34653
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 9. Overcurrent Mode for More Than 3.0 ms
Figure 10. Overcurrent Mode for Less Than 3.0 ms
DISABLING AND ENABLING THE 34653
When a negative voltage (< 1.8 V below VPWR) is applied
to the DISABLE pin for more than 1.0 ms (Point A in
Figure 11), the 34653 is disabled, the Power MOSFET turns
off, and the power good output signals deactivate. The 34653
stays in this state until the voltage on the DISABLE pin is
brought to within ±1.2 V of VPWR for more than 1.0 ms to
enable the device (Point B in Figure 11). Then a new start-up
sequence initiates as described on page 10. Applying a
positive voltage (> 1.8 V above VPWR) would also disable the
34653 in the same manner.
Figure 11. Disabling and Enabling the 34653
Figure 12 demonstrates that the 34653 must be enabled
for the length of the start-up timer to start turning on the
Power MOSFET. After the fourth disable signal, the 34653
was enabled for the length of the start-up timer. And because
the retry counter is less than 10, the 34653 turns on the
Power MOSFET and starts the charging process (refer to
Charging Process, pages 10–11).
Figure 12. Start-Up Timer Versus Disable
BOARD REMOVAL
When the board is removed, its power ramps down. As
soon as the 34653’s input voltage reaches the undervoltage
turn-off threshold, the undervoltage detection circuit activates
and the Power MOSFET turns off for having violated one of
the start-up conditions (list on page 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com