Electronic Components Datasheet Search
  English  ▼

X  

34653 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34653
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 34653 resides on the plug-in board (see Figures 18
and 19), allowing the board to be safely inserted or removed
without damaging electrical equipment. The 34653 can be
operated with no external components other than the power
good output signal pull-up resistor if the default mode was
selected for all the programmable features. This is one of the
great advantages of the 34653: it operates with minimal user
interface and minimal external component count and still
offers complete hot swapping functionality with all the
necessary protection features, from undervoltage/
overvoltage detection, to current limiting, to short circuit
protection and power good output signaling. The default
values were chosen to be sufficient for many standard
applications.
Figure 18 is a typical application diagram depicting the
default mode and using the power good output signal pullup
resistor. Refer to the static and dynamic electrical
characteristics tables on pages 5 through 7 for the various
default values.
Figure 18. Typical Application Diagram with Default
Settings and Minimal External Components
The 34653 can be also programmed for different values of
the Overcurrent Limit and the Charging Current Limit using
external components connected to the device. Figure 19
shows the 34653 with the required external components that
allow access to all programmable features in the device.
Figure 19. Typical Application Diagram with External
Components Necessary to Program the Device
UNDERVOLTAGE AND OVERVOLTAGE
DETECTION
The 34653 monitors the input voltage to ensure that it is
within the operating range and that there are no overvoltage
or undervoltage conditions, and to quickly turn off the Power
MOSFET if there are. Internal comparators connected to an
internal resistor divider between the VPWR and VIN input
pins compare the supply voltages with a reference voltage.
The typical default values of 37 V for the UV turn-off threshold
(falling threshold) and 78 V for the OV turn-off threshold
(rising threshold) will give a typical operating range of 38 V to
76 V. This range is suitable for telecom industry standards.
When the device passes the UVLO threshold, it uses the
UV/OV detection circuits to check the input supply levels
before turning on the Power MOSFET during the start-up
Timer delay and thereafter. As long as the voltage is above
the undervoltage falling threshold and below the overvoltage
rising threshold, the supply is within operating range and the
Power MOSFET is allowed to turn on and stay on. If the input
voltage falls below its undervoltage falling threshold or rises
above its overvoltage rising threshold, then one of the start-
up conditions (list on page 10) is violated and the Power
MOSFET turns off, the power good signal deactivates, and a
new start-up timer initiates. The undervoltage and
overvoltage detection circuits are equipped with a 1.0 ms
filter to filter out momentary input supply dips.
TIMER
The Timer function on the 34653 provides the time base
used to generate the timing sequences at start-up. The same
timer controls the retry delay when the device experiences
any fault. The Timer function has a default timer value of
VPWR
VIN
ICHG
ILIM
VOUT
PG
PG
33653
GND
-48 V
DC/DC
Converter
Application
Dependent
Enable/Enable
CLOAD
44 k
Ω
PLUG-IN CARD
VPWR
VIN
ICHG
ILIM
VOUT
PG
33653
GND
-48 V
DC/DC
Converter
Application
Dependent
Enable/Enable
CLOAD
44 k
Ω
PLUG-IN CARD
DISABLE
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com