Electronic Components Datasheet Search
  English  ▼

X  

34653 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34653
TYPICAL APPLICATIONS
Table 6. RICHG Values for Some Desired ICHG Values
Figure 20. External Resistor (RICHG) Value Versus
Charging Current Limit Value (ICHG)
Choosing the External Capacitor CICHG Value
The user can also change the charging current rise time by
adding a capacitor (CICHG) between the ICHG and VIN pins,
as shown in Figure 19, page 17. The charging current rise
time ranges between 1.0 ms (default value) and a
recommended maximum of 10 ms. Table 7 lists examples of
CICHG for different values of tICHGR and Figure 21 shows a
plot of CICHG versus tICHGR.
To calculate the value of the CICHG capacitor we use the
following equation:
CICHG(nF) = 1000 * tICHGR(ms) / [3 * RICHG(kΩ)]
Figure 21. Charging Current External Capacitor (CICHG)
Versus Charging Current Rise Time tICHGR
ICHG(A)
RICHG(kΩ)
0.05
15.35
0.1
32.10
0.15
48.85
0.2
65.60
0.25
82.35
0.3
99.10
0.35
115.85
0.4
135.60
0.45
149.35
0.5
166.10
0
20
40
60
80
100
120
140
160
180
0
0.1
0.2
0.3
0.4
0.5
0.6
ICHG (A)
ICHG (A)
Table 7. CICHG Values for Some Desired tICHGR Values
at a Specific ICHG Value
t ICHGR(ms)
CICHG(nF)
ICHG = 0.05 A
CICHG(nF)
ICHG = 0.1 A
CICHG(nF)
ICHG = 0.5 A
1.0
21.72
10.38
2.01
2.0
43.43
20.77
4.01
3.0
65.15
31.15
6.02
4.0
86.86
41.54
8.03
5.0
108.58
51.92
10.03
6.0
130.29
62.31
12.04
7.0
152.01
72.69
14.05
8.0
173.72
83.07
16.05
9.0
195.44
93.46
18.06
10
217.16
103.84
20.07
0
20
40
60
80
100
120
140
160
180
200
220
01
23
45
67
89
10
11
TICHGR (m s)
ICHG = 0.05 A
ICHG = 0.1 A
ICHG = 0.5 A
ICHG
ICHG
ICHG
tICHGR (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com