Electronic Components Datasheet Search
  English  ▼

X  

34653 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34653
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSIS FEATURES
Table 5. Thermal Resistance Data
Type
Condition
Symbol
Value
Unit
Junction to Ambient
Single-layer board (1s), per JEDEC jesd51-2 with board (JESD51-3) horizontal
RθJA
167
°C/W
Junction to Ambient
Four-layer board (2s2p), per JEDEC JESD51-2 with board (JESD51-3) horizontal
RθJMA
115
°C/W
Junction to Ambient
Single-layer board with a 300 mm2 radiator pad on its top surface, not standard JEDEC
–
145
°C/W
Junction to Ambient
Single-layer board with a 600 mm2 radiator pad on its top surface, not standard JEDEC
–
143
°C/W
Junction to Ambient
Four-layer board with a via for each thermal lead, not standard JEDEC
–
111
°C/W
Junction to Ambient
Four-layer board with a 300 mm2 radiator pad on its top surface and a full array of vias
between radiator pad and top surface, not standard JEDEC
–
107
°C/W
Junction to Ambient
Four-layer board with a 600 mm2 radiator pad on its top surface and a full array of vias
between radiator pad and top surface, not standard JEDEC
–
107
°C/W
Junction to Board
Thermal resistance between die and board per JEDEC JESD51-8
RθJB
62
°C/W
Junction to Case
Thermal resistance between die and case top
RθJC
57
°C/W
Junction to Package
Top
Temperature difference between package top and junction per JEDEC JESD51-2
Ψ
JT
18
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com