Electronic Components Datasheet Search
  English  ▼

X  

W528S50 Datasheet(PDF) 5 Page - Winbond

Part # W528S50
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S50 Datasheet(HTML) 5 Page - Winbond

  W528S50 Datasheet HTML 1Page - Winbond W528S50 Datasheet HTML 2Page - Winbond W528S50 Datasheet HTML 3Page - Winbond W528S50 Datasheet HTML 4Page - Winbond W528S50 Datasheet HTML 5Page - Winbond W528S50 Datasheet HTML 6Page - Winbond W528S50 Datasheet HTML 7Page - Winbond W528S50 Datasheet HTML 8Page - Winbond W528S50 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
W528SXX
Publication Release Date: Nov 2000
- 5 -
Revision A1
Unconditional Instructions:
1. LOAD (LD) Command:
LD R0, value:
This instruction is used to load a voice-group entry value into register R0. The voice-group entry value
may range from 0 to 255. The initial value of the R0 register is "00000000."
LD EN, operand:
This instruction is used to define the trigger interrupt settings by loading the operand message into
register EN. The initial value of the EN register is "11111111."
a. The operand is an 8-bit value that can be entered in decimal (default) or hexadecimal
(with "0x" as a prefix).
b. EN is an 8-bit register that is used to enable/disable the rising/falling edge of each of the four
trigger inputs.
The 8 bits correspond to the rising/falling edges of the triggers as shown below:
Bit:
7
6
5
4
3
2
1
0
TG:
4R
3R
2R
1R
4F
3F
2F
1F
where "nR/F" represents the rising/falling edge of the n-th trigger pin.
c. When any one of the eight bits is set to "1" (default), the corresponding trigger will interrupt the
current state at the edge indicated. When the bits are set to "0," the triggers will be disabled.
d. The voice group entry addresses correspond to the interrupt vectors as follows:
TG:
4R
3R
2R
1R
4F
3F
2F
1F
Group:
7
6
5
4
3
2
1
0
EXAMPLE:
The instruction "LD EN, 0x41" is programmed.
EXPLANATION:
a. "41" is a hexadecimal value equal to the binary value "0100 0001."
b. These 8 bits of data represent the following trigger interrupt settings:
4R,
3R,
2R,
1R,
4F,
3F,
2F,
1F
0
1
0
0
0
0
0
1
RESULT:
a. When the rising edge of TG3 (3R) is activated, the EN register will cause TG3 to interrupt the
current playing state and jump immediately to voice group 6, the voice group that corresponds
to 3R.
b. When the falling edge of TG1 goes active, the EN register will cause TG1 to interrupt the current
playing state and jump immediately to voice group 0, the voice group that corresponds to 1F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com