Electronic Components Datasheet Search
  English  ▼

X  

W528S50 Datasheet(PDF) 14 Page - Winbond

Part # W528S50
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S50 Datasheet(HTML) 14 Page - Winbond

Back Button W528S50 Datasheet HTML 7Page - Winbond W528S50 Datasheet HTML 8Page - Winbond W528S50 Datasheet HTML 9Page - Winbond W528S50 Datasheet HTML 10Page - Winbond W528S50 Datasheet HTML 11Page - Winbond W528S50 Datasheet HTML 12Page - Winbond W528S50 Datasheet HTML 13Page - Winbond W528S50 Datasheet HTML 14Page - Winbond W528S50 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
W528SXX
- 14 -
TYPICAL APPLICATION CIRCUIT
DD
Speaker
8 ohm
1/4 watt
OSC
Rosc
TG1
TG2
TG3
TG4/LED2/STPC
LED1
STPB
STPA
SPK
SS
Rs
C
s
8050 D
V
V
DD
39/100 ohm
R
V
Notes:
1. In principle, the playing speed determined by ROSC should correspond to the sampling rate during the coding phase.
The playing speed may be adjusted by varying ROSC, however.
2. Rs is an optional current-dividing resistor. If Rs is added, the resistance should be between 470 and 750
Ω.
3. Cs is optional.
4. The DC current gain
β of transistor 8050 ranges from 120 to 200.
5. All unused trigger pins can be left open because of their internal pull-high resistance.
6. R is used to limit the current on the LED. Case 1: VDD = 3V, R = 39
Ω for 1/2/3 LEDs.
Case 2: VDD = 4.5V, R = 39
Ω for 2/3 LEDs and R = 100Ω for 1 LED.
7. No warranty for production.
SUPPLEMENT
A. Power Bouncing
If an irregularity (such as bouncing) occurs in the power supply to VDD, as shown in the diagram, the
W528xxx may hang or the logic state machine may lock up. To return the chip to normal operation,
short VDD and VSS for the W528xxx and then release again.
Power bouncing
Battery
Power on
W528x
VDD
Power on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com