Electronic Components Datasheet Search
  English  ▼

X  

W528S50 Datasheet(PDF) 15 Page - Winbond

Part # W528S50
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S50 Datasheet(HTML) 15 Page - Winbond

Back Button W528S50 Datasheet HTML 7Page - Winbond W528S50 Datasheet HTML 8Page - Winbond W528S50 Datasheet HTML 9Page - Winbond W528S50 Datasheet HTML 10Page - Winbond W528S50 Datasheet HTML 11Page - Winbond W528S50 Datasheet HTML 12Page - Winbond W528S50 Datasheet HTML 13Page - Winbond W528S50 Datasheet HTML 14Page - Winbond W528S50 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
W528SXX
Publication Release Date: Nov 2000
- 15 -
Revision A1
B. Ttigger Pin Coupling Effect
The trigger pins (TG1
−TG4) are built-in 500KΩ pull high resistor.
If the wire of the input trigger is very close to the speaker wire in the application environment, the
coupling effect will occur. The input voltage of the trigger pin will be unstable, causing the trigger
operation to become abnormal.
An external pull high resistor (Ri) connecting the trigger pin and VDD can resolve this problem. The
value of the Ri depends on your application environment.
VDD
SPK
TGn
VDD
Ri
Headquarters
No. 4, Creation Rd. III,
Science-Based Industrial Park,
Hsinchu, Taiwan
TEL: 886-3-5770066
FAX: 886-3-5792697
http://www.winbond.com.tw/
Voice & Fax-on-demand: 886-2-27197006
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd.,
Taipei, Taiwan
TEL: 886-2-27190505
FAX: 886-2-27197502
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II,
123 Hoi Bun Rd., Kwun Tong,
Kowloon, Hong Kong
TEL: 852-27513100
FAX: 852-27552064
Winbond Electronics North America Corp.
Winbond Memory Lab.
Winbond Microelectronics Corp.
Winbond Systems Lab.
2727 N. First Street, San Jose,
CA 95134, U.S.A.
TEL: 408-9436666
FAX: 408-5441798
Note: All data and specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com