Electronic Components Datasheet Search
  English  ▼

X  

W528S50 Datasheet(PDF) 13 Page - Winbond

Part # W528S50
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S50 Datasheet(HTML) 13 Page - Winbond

Back Button W528S50 Datasheet HTML 7Page - Winbond W528S50 Datasheet HTML 8Page - Winbond W528S50 Datasheet HTML 9Page - Winbond W528S50 Datasheet HTML 10Page - Winbond W528S50 Datasheet HTML 11Page - Winbond W528S50 Datasheet HTML 12Page - Winbond W528S50 Datasheet HTML 13Page - Winbond W528S50 Datasheet HTML 14Page - Winbond W528S50 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
W528SXX
Publication Release Date: Nov 2000
- 13 -
Revision A1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
RATED VALUE
UNIT
Power Supply
VDD
−VSS
-
-0.3 to +7.0
V
Input Voltage
VIN
All Inputs
VSS -0.3 to VDD +0.3
V
Storage Temp.
TSTG
-
-55 to +150
°C
Operating Temp.
TOPR
-
0 to +70
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
ELECTRICAL CHARACTERISTICS
(TA = 25
° C, VSS = 0 V)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Operating Voltage
VDD
-
2.4
3
5.5
V
Input Voltage
VIL
All Input Pins
VSS
-0.3
-
0.3
VDD
V
VIH
0.7 VDD
-
VDD
Standby Current
IDD1
VDD = 3V, No Playing
-
-
0.2
µA
IDD2
VDD = 5V, No Playing
-
-
0.4
Operating Current
IOP1
VDD = 3V, No Load
-
-
400
µA
IOP2
VDD = 5V, No Load
-
-
800
Input Current for TG1
−TG4
IIN
VDD = 3V, VIN = 0V
-
-
6
µA
SPK (D/A Full Scale)
IO1
VDD = 4.5V, RL = 100
Ω
-4.0
-5.0
-6.0
mA
Output Current of STPC
IOL
VDD = 3V, VOUT = 0.4V
1
-
-
mA
IOH
VDD = 3V, VOUT = 2.7V
-0.5
-
-
LED1
IO
VDD = 3V, VOUT = 1V
10
-
-
Output
LED2
VDD = 4.5V, VOUT = 1V
15
-
-
mA
Current
STPA
IOL
VDD = 3V, VOUT = 0.4V
1
3
-
STPB
IOH
VDD = 3V, VOUT = 2.7V
-1
-3
-
Oscillation Freq.
FOSC
VDD = 3V, ROSC = Typ.
2.7
3
3.3
MHz
VDD = 4.5V, ROSC = Typ.
2.7
3
3.3
Oscillation Freq. Deviation
by Voltage Drop
∆F
F
OSC
OSC
F(3V) F(2.4)
F(3V)
−
0
4
7.5
%
Input Debounce Time
TDEB1
FOSC = 3 MHz,
45
-
-
mS
TDEB2
SR = 6 KHz
350
-
-
µS
Notes:
1. Rosc = 430KOhm for all bodies in W528xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com