Electronic Components Datasheet Search
  English  ▼

X  

LM4816 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4816 Datasheet HTML 1Page - National Semiconductor (TI) LM4816 Datasheet HTML 2Page - National Semiconductor (TI) LM4816 Datasheet HTML 3Page - National Semiconductor (TI) LM4816 Datasheet HTML 4Page - National Semiconductor (TI) LM4816 Datasheet HTML 5Page - National Semiconductor (TI) LM4816 Datasheet HTML 6Page - National Semiconductor (TI) LM4816 Datasheet HTML 7Page - National Semiconductor (TI) LM4816 Datasheet HTML 8Page - National Semiconductor (TI) LM4816 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD
+0.3V
Power Dissipation (Note 2)
Internally limited
ESD Susceptibility(Note 3)
2000V
ESD Susceptibility (Note 4)
200V
Junction Temperature
150˚C
Solder Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliablilty” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JC (typ) — MTC20
20˚C/W
θ
JA (typ) — MTC20
80˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
3.0V
≤ V
DD
≤ 5.5V
Electrical Characteristics (Notes 1, 5)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4816
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
3.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply
Current
V
IN = 0V, IO = 0A (Note 8)
9.0
15
5
mA (max)
mA (min)
I
SD
Shutdown Current
V
DD applied to the
SHUTDOWN pin
0.06
2
µA (min)
V
IH
Shutdown Logic High Input
Threshold Voltage
3.0
V (min)
V
IL
Shutdown Logic Low Input
Threshold Voltage
1.8
V (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power (Note 9)
THD+N = 1%, f = 1kHz, R
L =
8
Ω
1.0
0.9
W (min)
THD+N = 10%, f = 1kHz, R
L
=8
Ω
1.5
W
THD+N
Total Harmonic Distortion +
Noise
20Hz
≤ f ≤ 20kHz, A
VD =2
0.03
%
R
L =8
Ω,P
O = 400mW
V
LIM
Limiter Clamp Voltage
V
LIM = 1.0V, RL = ∞,VIN =
4V
P-P
V
O P-P =(VOUT+ -VOUT-)
6.0
5.2
6.8
V
P-P (min)
V
P-P (max)
PSRR
Power Supply Rejection
ratio
V
DD = 5V, VRIPPLE =
200V
RMS
R
L =8
Ω,C
B = 1.0µF
Inputs Floating
Inputs terminated with 10
Ω
67
43
dB
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
90
dB
SNR
Signal to Noise Ratio
V
DD = 5V, PO = 1.0W, RL =
8
Ω
98
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: The maximum power dissipation is dictated by TJMAX, θJA, and the ambient temperature TA and must be derated at elevated temperatures. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA. For the LM4816, TJMAX = 150˚C. For the θJAs for different packages, please see the Application
Information section or the Absolute Maximum Ratings section.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com