Electronic Components Datasheet Search
  English  ▼

X  

LM4816 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4816 Datasheet HTML 4Page - National Semiconductor (TI) LM4816 Datasheet HTML 5Page - National Semiconductor (TI) LM4816 Datasheet HTML 6Page - National Semiconductor (TI) LM4816 Datasheet HTML 7Page - National Semiconductor (TI) LM4816 Datasheet HTML 8Page - National Semiconductor (TI) LM4816 Datasheet HTML 9Page - National Semiconductor (TI) LM4816 Datasheet HTML 10Page - National Semiconductor (TI) LM4816 Datasheet HTML 11Page - National Semiconductor (TI) LM4816 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
External Components Description
(Refer to Figure 1.)
Components
Functional Description
1.
R
i
The Inverting input resistance, along with R
f, set the closed-loop gain. Ri, along with Ci, form a high pass
filter with f
c = 1/(2
πR
iCi).
2.
C
i
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
i, along with Ri, create a
highpass filter with f
c = 1/(2
πR
iCi). Refer to the section, SELECTING PROPER EXTERNAL
COMPONENTS, for an explanation of determining the value of C
i.
3.
R
f
The feedback resistance, along with R
i, set the closed-loop gain.
4.
C
s
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of, this capacitor.
5.
C
B
The capacitor, C
B, filters the half-supply voltage present on the BYPASS pin. Refer to the SELECTING
PROPER EXTERNAL COMPONENTS section for information concerning proper placement and selecting
C
B’s value.
Application Information
20033201
* Refer to the section Proper Selection of External Components, for a detailed discussion of CB size.
FIGURE 1. Typical Audio Amplifier Application Circuit
Pin out shown for the LLP package. Refer to the Connection Diagrams for the pinout of the TSSOP package.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com