Electronic Components Datasheet Search
  English  ▼

X  

LM4816 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4816 Datasheet HTML 2Page - National Semiconductor (TI) LM4816 Datasheet HTML 3Page - National Semiconductor (TI) LM4816 Datasheet HTML 4Page - National Semiconductor (TI) LM4816 Datasheet HTML 5Page - National Semiconductor (TI) LM4816 Datasheet HTML 6Page - National Semiconductor (TI) LM4816 Datasheet HTML 7Page - National Semiconductor (TI) LM4816 Datasheet HTML 8Page - National Semiconductor (TI) LM4816 Datasheet HTML 9Page - National Semiconductor (TI) LM4816 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (Continued)
PSRR vs Frequency
Cross Talk
20033241
V
DD = 3V, RL =8
Ω,R
SOURCE = ∞,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
20033239
V
DD = 5V, RL =8
Ω,P
OUT = 150mW, at (from top to
bottom at 2kHz):
-N A driven, V
OUTB measured;
-N B driven, V
OUTA measured
Cross Talk
Cross Talk
20033237
V
DD = 3V, RL =8
Ω,P
OUT = 150mW,
at (from top to bottom at 2kHz):
-N A driven, V
OUTB measured;
-N B driven, V
OUTA measured
20033238
V
DD = 5.5V, RL =8
Ω,P
OUT = 150mW, at (from top to
bottom at 2kHz):
-N A driven, V
OUTB measured;
-N B driven, V
OUTA measured
Supply Current vs
Supply Voltage
Output Power vs
Supply Voltage
20033253
R
L =8
Ω,V
IN =0V
R
SOURCE =50
Ω
20033230
R
L =8
Ω,f
IN = 1kHz, at (from top to bottom at 4.6V):
THD+N = 10%, THD+N = 1%
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com