Electronic Components Datasheet Search
  English  ▼

X  

LM4816 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4816 Datasheet HTML 1Page - National Semiconductor (TI) LM4816 Datasheet HTML 2Page - National Semiconductor (TI) LM4816 Datasheet HTML 3Page - National Semiconductor (TI) LM4816 Datasheet HTML 4Page - National Semiconductor (TI) LM4816 Datasheet HTML 5Page - National Semiconductor (TI) LM4816 Datasheet HTML 6Page - National Semiconductor (TI) LM4816 Datasheet HTML 7Page - National Semiconductor (TI) LM4816 Datasheet HTML 8Page - National Semiconductor (TI) LM4816 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
THD+N vs Output Power
20033266
V
DD = 5.5V, RL =8
Ω,P
OUT = 150mW
20033295
V
DD = 5.5V, RL =8
Ω,f
IN = 1kHz
THD+N vs Output Power
PSRR vs Frequency
20033264
V
DD = 5V, RL =8
Ω,f
IN = 1kHz,
at (from left to right at 7% THD+N):
V
LIM = 2V, 1.9V, 1.8V, 1.7V, 1.6V, 1.5V, 1.0V, 0.5V, 0V
20033242
V
DD = 5V, RL =8
Ω,R
SOURCE =10
Ω,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
PSRR vs Frequency
PSRR vs Frequency
20033243
V
DD = 5V, RL =8
Ω,R
SOURCE = ∞,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
20033240
V
DD = 3V, RL =8
Ω,R
SOURCE =10
Ω,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com