Electronic Components Datasheet Search
  English  ▼

X  

UPD9993 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 81Page - Renesas Technology Corp UPD9993 Datasheet HTML 82Page - Renesas Technology Corp UPD9993 Datasheet HTML 83Page - Renesas Technology Corp UPD9993 Datasheet HTML 84Page - Renesas Technology Corp UPD9993 Datasheet HTML 85Page - Renesas Technology Corp UPD9993 Datasheet HTML 86Page - Renesas Technology Corp UPD9993 Datasheet HTML 87Page - Renesas Technology Corp UPD9993 Datasheet HTML 88Page - Renesas Technology Corp UPD9993 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
83
13. ELECTRICAL SPECIFICATIONS
13.1 Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
DVDD
For digital block
–0.3 to +2.0
V
EVDD
For digital I/O block
–0.3 to +4.0
V
AVDD
For analog block
–0.3 to +4.0
V
Supply voltage
AVDD_P
For analog PLL block
–0.3 to +4.0
V
Input voltage
VI
–0.3 to +4.0
V
Output voltage
VO
VI/VO < EVDD + 0.5 V
–0.3 to +4.0
V
Power dissipation
PD
300
mW
Storage temperature
Tstg
–50 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
13.2 Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
DVDD
1.425
1.5
1.575
V
EVDD
1.71
3.0
3.3
V
AVDD
2.7
3.0
3.3
V
Operating voltage
AVDD_P
2.7
3.0
3.3
V
Input voltage
VI
0
EVDD
V
Operating ambient
temperature
TA
–20
+85
°C
13.3 Capacitance
(TA =
+25°C, DVDD = 0 V, EVDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
10
pF
Output capacitance
CO
10
pF
I/O capacitance
CIO
f = 1 MHz, pins other than those tested: 0 V
10
pF
13.4 Load Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Load resistance of
LINEOUT
RL
Between LINEOUT and GND
10
47
k
Ω
VREF capacitance
Cref
Between VREF and GND, ±20%
0.17
0.22
0.27
µ F
IREF resistance
Rref
Between IREF and GND, ±5%
53
56
59
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com