Electronic Components Datasheet Search
  English  ▼

X  

UPD9993 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 82Page - Renesas Technology Corp UPD9993 Datasheet HTML 83Page - Renesas Technology Corp UPD9993 Datasheet HTML 84Page - Renesas Technology Corp UPD9993 Datasheet HTML 85Page - Renesas Technology Corp UPD9993 Datasheet HTML 86Page - Renesas Technology Corp UPD9993 Datasheet HTML 87Page - Renesas Technology Corp UPD9993 Datasheet HTML 88Page - Renesas Technology Corp UPD9993 Datasheet HTML 89Page - Renesas Technology Corp UPD9993 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
84
13.5 DC Characteristics
(TA =
−20 to +85°C, with DVDD and EVDD within recommended operating condition range)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIHN
0.8 EVDD
EVDD
V
Input voltage, low
VILN
0
0.2 EVDD
V
Output voltage, high
VOH
IOH = –1 mA
0.8 EVDD
V
Output voltage, low
VOL3
IOL = +1 mA
0.2 EVDD
V
Input leakage current,
high
ILHN
VI = EVDD
0
20
µ A
Input leakage current, low
ILLN
VI = 0 V
–20
0
µ A
High-impedance leakage
current
IZI
0 V
≤ VI ≤ EVDD
–20
+20
µ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com