Electronic Components Datasheet Search
  English  ▼

X  

UPD9993 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # UPD9993
Description  MOS INTEGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9993 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button UPD9993 Datasheet HTML 93Page - Renesas Technology Corp UPD9993 Datasheet HTML 94Page - Renesas Technology Corp UPD9993 Datasheet HTML 95Page - Renesas Technology Corp UPD9993 Datasheet HTML 96Page - Renesas Technology Corp UPD9993 Datasheet HTML 97Page - Renesas Technology Corp UPD9993 Datasheet HTML 98Page - Renesas Technology Corp UPD9993 Datasheet HTML 99Page - Renesas Technology Corp UPD9993 Datasheet HTML 100Page - Renesas Technology Corp UPD9993 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
µ PD9993
Data Sheet S17306EJ2V0DS
95
13.8 Current Consumption
Unless otherwise specified, the following conditions must be met.
CLKIN = 13 MHz
D/A converter input level INPUT = 0 dBFS (D/A converter's full scale input is defined as 0 dBFS)
D/A converter input frequency fIN = 1020 Hz
Sampling frequency fs = 32 kHz (SG), 48 kHz (Other)
Ambient temperature TA = 25°C
Power supply voltage AVDD = AVDD_P = 2.7 V to 3.3 V, EVDD = 1.71 V to 3.3 V, DVDD = 1.425 V to 1.575 V
Output load RL = 10 k
Ω
Parameter
Symbol
Conditions
Power Supply
Pin
MIN.
TYP.
MAX.
Unit
DVDD
35
59
mA
AVDD
7.7
16
mA
AVDD_P
4.4
8
mA
Current consumption during
output from SG to DAC
IDD1
STDIG = STPLL2 = STPLL1 =
STSYNTH = STDAC = 1, STDSP = 0,
SLSORCE = 00B and SG is operating
normally
EVDD Note 1
3
mA
DVDD
36
60
mA
AVDD
7.7
16
mA
AVDD_P
4.4
8
mA
Current consumption during
output from DSP to DAC
IDD2
STDIG = STPLL2 = STPLL1 = STDSP
= STDAC = 1, STSYNTH = 0,
SLSORCE = 10B and DSP is
operating normally
EVDD Note 1
3
mA
DVDD
8.5
30
mA
AVDD
7.7
16
mA
AVDD_P
1
4
mA
Current consumption during
output from ASI to DAC
IDD3
STDIG = STPLL1 = STDAC = 1,
SLSORCE = 01B, ASI = 1
EVDD Note 1
3
mA
DVDD
35
59
mA
AVDD
2
6
mA
AVDD_P
4.4
8
mA
Current consumption during
output from SG to ASO
IDD4
STDIG = STPLL2 = STPLL1 =
STSYNTH = 1, STDSP = 0,
SLSORCE = 00B, ASO = 1 and SG is
operating normally
EVDD Note 1
5
mA
DVDD
36
60
mA
AVDD
2
6
mA
AVDD_P
4.4
8
mA
Current consumption during
output from DSP to ASO
IDD5
STDIG = STPLL2 = STPLL1 = STDSP
= 1, STSYNTH = 0, SLSORCE = 10B,
ASO = 1 and DSP is operating
normally
EVDD Note 1
5
mA
DVDD
8.5
30
mA
AVDD
2
6
mA
AVDD_P
1.2
4
mA
Current consumption during
output from ASI to ASO
IDD6
STDIG = STPLL1 = 1, SLSORCE =
01B, ASI = ASO =1
EVDD Note 1
5
mA
DVDD
0.09
15
mA
AVDD
0.5
5
µ A
AVDD_P
0.5
5
µ A
Standby consumption current
(Software power saving mode)
ISTB
STDIG = STPLL2 = STPLL1 = STASI
= STASO = STSYNTH = STDAC =
STDSP = 0
EVDD Note 2
0.6
10
µ A
Standby consumption current
(Hardware power saving mode)
IHSTB
RESET_B = 0,
EVDD: ON,
AVDD, AVDD_P and DVDD: OFF
EVDD Note 2
0.6
10
µ A
Notes 1. The EVDD pin current is measured when there is no load. In the actual operation of the
µPD9993, the EVDD
pin current differs depending on the external environment such as the clock rate, load capacitance, and
load resistance.
2. Input pins: Low level or High level, Output pins: No load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com