Electronic Components Datasheet Search
  English  ▼

X  

AD8339 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8339
Description  Quad I/Q Demodulator And Phase Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 4 Page - Analog Devices

  AD8339 Datasheet HTML 1Page - Analog Devices AD8339 Datasheet HTML 2Page - Analog Devices AD8339 Datasheet HTML 3Page - Analog Devices AD8339 Datasheet HTML 4Page - Analog Devices AD8339 Datasheet HTML 5Page - Analog Devices AD8339 Datasheet HTML 6Page - Analog Devices AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8339
Preliminary Technical Data
Rev. PrA | Page 4 of 15
PHASE ROTATION PERFORMANCE
One CH is reference, others are stepped
Phase Increment
16 Phase Steps per Channel
22.5
°
Quadrature Phase Error
Ix to Qx; all phases, 1
σ
±1
°
I/Q Amplitude Imbalance
Ix to Qx; all phases, 1
σ
0.25
dB
Channel-to-Channel Matching
Phase Match I-to-I and Q-to-Q; -40
°C < T
A
< 85
°C
±1
°
Ampl. Match I-to-I and Q-to-Q; -40
°C < T
A
< 85
°C
±0.5
dB
LOGIC INTERFACES
Pins SDI,CSB,SCLK, RSTS,RSET
Logic Level High
1.5
V
Logic Level Low
0.9
V
Bias Current
Logic High (pulled to +5V)
0.5
μA
Logic Low (pulled to GND)
0
μA
Input Resistance
4
M
Ω
LO Divider RSET Setup Time
RSET rising edge to 4LOP-4LON (Differential)
rising edge
5
ns
LO Divider RSET High Pulse Width
20
ns
LO Divider RSET Setup Time
RSET falling edge prior to 4LOP-4LON
(Differential) rising edge
5
ns
Phase Response Time
Measured from CSB going high
TBD
μs
Enable Response Time
Measured from CSB going high (with 0.1
μF cap
on pin LODC)
15
μs
Output
Pin SDO
Logic Level High
Loaded with 5 pF and next SDI input
1.7
1.9
V
Logic Level Low
Loaded with 5 pF and next SDI input
0.2
0.5
V
SPI TIMING CHARACTERISTICS
Pins SDI,SDO,CSB,SCLK, RSTS
SCLK Frequency
fCLK
10
MHz
CSB to SCLK Setup Time
T1
TBD
ns
SCLK High Pulse Width
T2
TBD
ns
SCLK Low Pulse Width
T3
TBD
ns
Data Access Time after SCLK Falling Edge
T4
TBD
ns
Data Setup Time Prior to SCLK Rising Edge
T5
TBD
ns
Data Hold Time after SCLK Rising Edge
T6
TBD
ns
CSB High Pulse Width
T7
TBD
ns
SCLK Fall to CSB Fall Hold Time
T8
TBD
ns
SCLK Fall to CSB Rise Hold Time
T9
TBD
POWER SUPPLY
Pins VPOS,VNEG
Supply Voltage
±4.5
±5
±5.5
V
Quiescent Current
VPOS, all phase bits = 0
37.5
mA
VNEG, all phase bits = 0
-21
mA
Over Temperature
-40
°C < T
A
< 85
°C
TBD
TBD
mA
Quiescent Power
Per Channel, all phase bits = 0
73
mW
Per Channel max (depends on phase bits)
TBD
mW
Disable Current
All Channels Disabled; SPI stays on
2.6
mA
PSRR
VPOS to Ix/Qx outputs (meas. @ AD8021 output)
TBD
dB
VNEG to Ix/Qx outputs (meas. @ AD8021 output)
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com