Electronic Components Datasheet Search
  English  ▼

X  

AD8339 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8339
Description  Quad I/Q Demodulator And Phase Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 3 Page - Analog Devices

  AD8339 Datasheet HTML 1Page - Analog Devices AD8339 Datasheet HTML 2Page - Analog Devices AD8339 Datasheet HTML 3Page - Analog Devices AD8339 Datasheet HTML 4Page - Analog Devices AD8339 Datasheet HTML 5Page - Analog Devices AD8339 Datasheet HTML 6Page - Analog Devices AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary
Technical Data
AD8339
Rev. PrA | Page 3 of 15
AD8339 SPECIFICATIONS
Table 1. VS = ±5 V, TA = 25°C, 4 fLO = 20 MHz, fRF = 5.01 MHz, fBB = 10 kHz, PLO ≥ 0 dBm, per channel performance, dBm (50 Ω)
unless otherwise noted. Single channel AD8021 LPF values RFILT = 1.58 kΩ and CFILT = 1 nF (see Figure 2).
Parameter
Conditions
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO Frequency Range
4x internal LO at pins 4LOP and 4LON
Square Wave
LF
100
MHz
Sine Wave
TBD
100
MHz
RF Frequency Range
Mixing
LF
25
MHz
Baseband Bandwidth
Limited by external filtering
LF
25
MHz
LO Input Level
0
13
dBm
VSUPPLY (VS)
±4.5
±5
±5.5
V
Temperature Range
-40
+85
°C
DEMODULATOR PERFORMANCE
Input Impedance
RF - Differential
7||7
k
Ω||pF
LO – Differential
100||1
k
Ω||pF
Transconductance
Demodulated IOUT/VIN; Each Ix or Qx output after
low pass filtering measured from RF inputs
All Phases
1.1
mS
Dynamic Range
IP1dB minus Input referred noise (dBm)
158
dB (1Hz
BW)
Max Input Swing
Differential; Inputs biased at 2.5V; Pins RFxP,
RFxN
2.7
Vpp
Peak Output Current (No Filtering)
0
° Phase Shift
±2.4
mA
45
° Phase Shift
±3.3
mA
Input P1dB
Ref = 50
Ω
14.5
dBm
Ref = 1VRMS
1.5
dBV
Third Order Intermodulation (IM3)
fRF1 = 5.010 MHz, fRF2 = 5.015 MHz, fLO = 5.023
MHz
Equal Input Levels
Baseband tones: -7 dBm @ 8 kHz and 13 kHz
-75
dBc
Unequal Input Levels
Baseband tones: -1 dBm @ 8 kHz and -31 dBm
@13 kHz
TBD
dBc
Third Order Input Intercept (IIP3)
Same conditions as IM3
30
dBm
LO Leakage
Measured at RF inputs, worst phase, measured
into 50
Ω
TBD
dBm
Measured at baseband outputs, worst phase,
AD8021 disabled, measured into 50
Ω
TBD
dBm
Conversion Gain
All codes, see Figure XX
4.7
dB
Input Referred Noise
Output Noise
÷ Conversion Gain (see Figure XX)
TBD
nV/
√Hz
Output Current Noise
Output noise
÷ 1.58 kΩ
TBD
pA/
√Hz
Noise Figure
With AD8332 LNA
RS = 50
Ω, R
FB
= ∞
TBD
dB
RS = 50
Ω, R
FB
= 1.1k
Ω
TBD
dB
RS = 50
Ω, R
FB
= 274
Ω
TBD
dB
Bias Current
Pins 4LOP and 4LON
-2
μA
Pins RFxP and RFxN
-35
μA
LO Common Mode Range Range
Pins 4LOP and 4LON (each pin)
0.2
3.8
V
RF Common Mode Voltage
For maximum differential swing; Pins RFxP and
RFxN
(DC-coupled to AD8332 output)
2.5
V
Output Compliance Range
Pins IxOP and QxOP
-1.5
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com