Electronic Components Datasheet Search
  English  ▼

X  

AD8339 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8339
Description  Quad I/Q Demodulator And Phase Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 1 Page - Analog Devices

  AD8339 Datasheet HTML 1Page - Analog Devices AD8339 Datasheet HTML 2Page - Analog Devices AD8339 Datasheet HTML 3Page - Analog Devices AD8339 Datasheet HTML 4Page - Analog Devices AD8339 Datasheet HTML 5Page - Analog Devices AD8339 Datasheet HTML 6Page - Analog Devices AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Quad I/Q Demodulator And Phase Shifter
Preliminary
Technical Data
AD8339
Rev. PrA - 12/19/06
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2007 Analog Devices, Inc. All rights reserved.
FEATURES
Quad Integrated I/Q Demodulator
16 Phase Select on each Output (22.5
° per step)
Quadrature Demodulation Accuracy
Phase Accuracy
±1°
Amplitude Balance
±0.25 dB
Bandwidth
4LO: LF – 100 MHz; RF: LF - 25 MHz
Baseband: determined by external filtering
Output Dynamic Range 158 dB (1 Hz Bandwidth)
LO Drive > –10 dBm (50
Ω); 200 mVpp
Supply:
±5 V
Power Consumption 73 mW/channel (290 mW total)
Power Down via SPI (Each Channel and Complete Chip)
APPLICATIONS
Medical Imaging (CW Ultrasound Beamforming)
Phased Array Systems
Radar
Adaptive Antennas
Communication Receivers
GENERAL DESCRIPTION
The AD8339 is a Quad I/Q demodulator intended to be driven by a
low noise preamplifier with differential outputs; it is optimized for the
LNA in the AD8332/4/5 family of VGAs. The part consists of four
identical I/Q demodulators with a 4x local oscillator (LO) input that
divides this signal and generates the necessary 0° and 90° phases of
the internal LO that drive the mixers. The four I/Q demodulators can
be used independently of each other (assuming that a common LO is
acceptable) since each has a separate RF input.
The major application is continuous wave (CW) analog beamforming
in ultrasound. Since in a beamforming application the outputs of
many channels are summed coherently, the signals need to be phase
aligned. A reset pin for the LO divider that synchronizes multiple ICs
to start in the same quadrant is provided. Sixteen discrete phase
rotations in 22.5° increments can be selected independently for each
channel. For example, if CH1 is used as a reference and CH2 has an
I/Q phase lead of 45°, then by choosing the correct code one can
phase align CH2 with CH1.
The mixer outputs are provided in current form so that they can be
easily summed. The summed current outputs, one each for the I and
FUNCTIONAL BLOCK DIAGRAM
4xLO
0
90
0
90
/4
RF1
RF2
I1
Q2
Q1
I2
φ
φ
φ
4
φ
0
90
0
90
RF3
RF4
Q4
Q3
I4
4
φ
φ
φ
φ
I3
Serial
Interface
SCLK
SDI
SDO
CSB
RSET
BIAS
VPOS
COMM
VNEG
2
2
2
2
2
Figure 1. Functional Block Diagram
Q signals, will need to be converted to a voltage by a high dynamic
range current-to-voltage (I-V) converter. A good choice for this
transimpedance amplifier is the AD8021 because of its low noise.
Following the current summation the combined signal is presented to
a high resolution AD converter (ADC) like the AD7665 (16b/570
ksps).
An SPI compatible serial interface is provided for ease of
programming the phase of each channel; the interface allows daisy-
chaining by shifting the data through each chip from SDI to SDO. The
SPI also allows for power down of each individual channel and the
complete chip. During power down the serial interface remains active
so that the device can be programmed again.
The dynamic range is >158 dB (1 Hz BW) at the I and Q outputs.
Note that the following transimpedance amplifier is an important
element in maintaining this dynamic range and attention needs to be
paid to component selection.
The AD8339 will be available in a 6x6 mm 40 pin LFCSP for the
industrial temperature range of -40°C to +85°C.


Similar Part No. - AD8339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
More results

Similar Description - AD8339

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
AD8333 AD-AD8333 Datasheet
769Kb / 28P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
5/06-Rev. 0 to Rev. A
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
BOWEI Integrated Circui...
IVM2-30 BOWEI-IVM2-30 Datasheet
270Kb / 1P
IVM2 series I/Q Demodulator
IVM4-30 BOWEI-IVM4-30 Datasheet
245Kb / 1P
IVM4 series I/Q Demodulator
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
I/Q Modulator/Demodulator
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com