Electronic Components Datasheet Search
  English  ▼

X  

AD8339 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8339
Description  Quad I/Q Demodulator And Phase Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices AD8339 Datasheet HTML 10Page - Analog Devices AD8339 Datasheet HTML 11Page - Analog Devices AD8339 Datasheet HTML 12Page - Analog Devices AD8339 Datasheet HTML 13Page - Analog Devices AD8339 Datasheet HTML 14Page - Analog Devices AD8339 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary
Technical Data
AD8339
Rev. PrA | Page 13 of 15
In a real application, the phase difference depends on the
element spacing, λ (wavelength), speed of sound, angle of
incidence, and other factors. The signals ES1 and ES2 are
amplified 19 dB by the low-noise amplifiers in the AD8332; for
lower performance portable ultrasound applications, the
combination of the AD8335 and the AD8339 result in the
lowest power per channel. For optimum signal-to-noise
performance, the output of the LNA is applied directly to the
input of the AD8339. In order to sum the signals ES1 and ES2,
ES2 is shifted 45° relative to ES1 by setting the phase code in
Channel 2 to 0010. The phase aligned current signals at the
output of the AD8333 are summed in an I-to-V converter to
provide the combined output signal with a theoretical
improvement in dynamic range of 3 dB for the sum of two
channels.
SERIAL INTERFACE
The AD8339 contains a 4-wire SPI compatible digital interface
(SDI, SCLK, CSB, and SDO). The interface is comprised of a 20-
bit shift register plus a latch. The shift register needs to be loaded
MSB first. The data allows control over each channel’s phases,
plus the last four bits shifted into the register determine the
enable state of the individual channels. Figure XYZ shows a block
and timing diagram of the serial interface. The shift direction is
to the “right” with MSB first. As soon CSB goes low, the data in
the latch is protected and new data can be loaded into the shift
register.
If only one AD8339 needs to be programmed, then only 20 bits
need to be shifted into the part before CSB goes high. As soon
as CSB goes high, the data loaded into the shift register will be
transferred to the latch. Depending on the data loaded the
corresponding channels will be enabled, and the phases on each
channel will be set. Figure XYZ shows how the timing might
look when two AD8339s have their data loaded.
ENBL Bits
If all four ENBL bits are set to ‘0’, then only the SPI port is
powered up. This feature allows for very low power
consumption (about 13 mW per AD8339 or 3.25 mW per
channel) when the CW Doppler function is not needed. Since
the SPI port stays alive even when the rest of the chip is
powered down, the part can be awakened again by simply
programming the port. As soon as the CSB signal goes high, the
part turns on again. It should be pointed out that this will take a
fair amount of time because of the external capacitor on the
LODC pin. It will take about 10-20 μs with the recommended
0.1 μF decoupling cap. The decoupling cap on this pin is
intended to reduce bias noise contribution in the LO divider
chain. The user can experiment with the value of this
decoupling capacitor to see what the smallest value can be
without any dynamic range degradation within the frequency
band of interest.
The SPI also has an additional pin that can be used in a test
mode, or as a quick way to reset the SPI and de-power the chip.
All bits in both the shift register and the latch can be reset to ‘0’
when pin RSTS is pulled above about 1.2 V. For quick testing
without the need to program the SPI, the voltage on the RSTS
pin should be first pulled high and then pulled to -1.4 V; this
enables all four channels in the (I=1,Q=0) state (all phase bits
are 0000).
Figure XYZ. SPI - Block and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com