Electronic Components Datasheet Search
  English  ▼

X  

ADM487E Datasheet(PDF) 4 Page - Analog Devices

Part # ADM487E
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 4 Page - Analog Devices

  ADM487E Datasheet HTML 1Page - Analog Devices ADM487E Datasheet HTML 2Page - Analog Devices ADM487E Datasheet HTML 3Page - Analog Devices ADM487E Datasheet HTML 4Page - Analog Devices ADM487E Datasheet HTML 5Page - Analog Devices ADM487E Datasheet HTML 6Page - Analog Devices ADM487E Datasheet HTML 7Page - Analog Devices ADM487E Datasheet HTML 8Page - Analog Devices ADM487E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 3. ADM485E/ADM1487E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Input to Output
tDPLH
10
40
60
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 19 and Figure 20)
tDPHL
10
40
60
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 19 and Figure 20)
Output Skew to Output
tSKEW
5
10
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 19 and Figure 20)
Rise/Fall Time
tDR, tDF
3
20
40
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 19 and Figure 20)
Enable Time to High Level
tDZH
45
70
ns
CRL = 100 pF, S2 closed (see Figure 21)
Enable Time to Low Level
tDZL
45
70
ns
CRL = 100 pF, S1 closed (see Figure 22)
Disable Time from Low Level
tDLZ
45
70
ns
CRL = 15 pF, S1 closed (see Figure 22)
Disable Time from High Level
tDHZ
45
70
ns
CRL = 15 pF, S2 closed (see Figure 21)
RECEIVER
Input to Output
tRPLH
20
60
200
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 23 and Figure 24)
|tPLH − tPHL| Differential Receiver Skew
tSKEW
5
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see Figure 4 and Figure 5)
Enable Time to Low Level
tRZL
25
50
ns
CRL = 15 pF, S2 closed (see Figure 25)
Enable Time to High Level
tRZL
20
50
ns
CRL = 15 pF, S1 closed (see Figure 25)
Disable Time from Low Level
tRLZ
20
50
ns
CRL = 15 pF, S2 closed (see Figure 25)
Disable Time from High Level
tRHZ
20
50
ns
tPLH, tPHL < 50% of data period
MAXIMUM DATA RATE
fMAX
2.5
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com